Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 89 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 89 Page - ams AG

Back Button AS39513 Datasheet HTML 85Page - ams AG AS39513 Datasheet HTML 86Page - ams AG AS39513 Datasheet HTML 87Page - ams AG AS39513 Datasheet HTML 88Page - ams AG AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
ams Datasheet
Page 89
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
EEFULL – The EEPROM is full.
0 = More measurements can be logged.
1 = At least one measurement was not logged due to a lack of
EEPROM space.
ACTIVE – Controller state.
0 = Controller is in the IDLE or WAIT modes.
1 = Controller is in the ACTIVE mode.
Security Levels
The security level has mainly to do with what area of memory
is being accessed rather than which command is accessing it. 
See section Memory Access Levels.  A couple of columns from
the table can be eliminated with the following statements:
• All RFID commands can be used in the IDLE, WAIT, and
ACTIVE states, but not during LOGGING or initialization.
• The only command that changes the log controller state
is “Set Mode”.
• The ISO15693 state (Ready, Quiet, Selected) is
independent of the log controller state (IDLE, WAIT, etc.)
Figure 48:
Summary of Security Levels
Command
Command
Code
Security
Level
Definition
Inventory
0x01
None
Tag identification, anticollision.
Stay Quiet
0x02
None
Stop responding; reader is communicating with
other tags.
Read Block
0x20
None
Read the requested block from application or
measurement memory.
Write Block
0x21
A, M
Write to the requested block in application or
measurement memory.
Lock Block
0x22
None
Mark a block in application or measurement
memory as read only.
Read Multiple Blocks
0x23
None
Read multiple blocks from the application or
measurement memory.
Select
0x25
None
Tag singulation.
Reset to Ready
0x26
None
Move tag out of quiet state.
Write AFI
0x27
S
Write AFI field.
Lock AFI
0x28
None
Prevent further writes to AFI field.
Write DSFID
0x29
S
Write DSFID field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com