Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 102 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 102 Page - ams AG

Back Button AS39513 Datasheet HTML 98Page - ams AG AS39513 Datasheet HTML 99Page - ams AG AS39513 Datasheet HTML 100Page - ams AG AS39513 Datasheet HTML 101Page - ams AG AS39513 Datasheet HTML 102Page - ams AG AS39513 Datasheet HTML 103Page - ams AG AS39513 Datasheet HTML 104Page - ams AG AS39513 Datasheet HTML 105Page - ams AG AS39513 Datasheet HTML 106Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
Page 102
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Ordering & Contac t Information
Figure 66:
Ordering Information
Ordering Information: Order quantities should be a multiple of shipping form.
Note(s):
1. Limited quantities of gold bumped die are also available as engineering samples in waffle packs (1 waffle pack = 50 gold bumped die).
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Package
Marking
Delivery Form
Delivery Quantity
AS39513-ZSWF-30
Gold bumped wafer(1)
(3V trimmed)
NA
Sorted and sawn
wafer on foil
1 wafer = ca. 3200
good die
AS39513-ZSWF-15
Gold bumped wafer(1)
(1.5V trimmed)
NA
Sorted and sawn
wafer on foil
1 wafer = ca. 3200
good die
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com