Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 13Page - National Semiconductor (TI) DP83821 Datasheet HTML 14Page - National Semiconductor (TI) DP83821 Datasheet HTML 15Page - National Semiconductor (TI) DP83821 Datasheet HTML 16Page - National Semiconductor (TI) DP83821 Datasheet HTML 17Page - National Semiconductor (TI) DP83821 Datasheet HTML 18Page - National Semiconductor (TI) DP83821 Datasheet HTML 19Page - National Semiconductor (TI) DP83821 Datasheet HTML 20Page - National Semiconductor (TI) DP83821 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
3.0 Functional Description (Continued)
17
www.national.com
3.9 EEPROM Interface
The DP83821 supports the attachment of an external
EEPROM. The EEPROM interface provides the ability for
the DP83821 to read from and write data to an external
serial EEPROM device. Values in the external EEPROM
allow default fields in PCI configuration space and I/O
space to be overridden following a hardware reset. The
DP83821 will "autoload" values from the EEPROM to these
fields in configuration space and I/O space and perform a
checksum to verify that the data is valid. If the EEPROM is
not present, the DP83821 initialization uses default values
for
the
appropriate
Configuration
and
Operational
Registers. Software can read and write to the EEPROM
using “bit-bang” accesses via the MII/EEPROM Access
Register (MEAR).
3.10 Boot ROM Interface
The BIOS ROM interface allows the DP83821 to read from
and write data to an external PROM/Flash device.
3.11 Power Management and Wake Functions
The
DP83821
is
compliant
with
the
PCI
Power
Management Specification v1.1. The device can be
programmed to any of the powered states (D0, D1, D2,
D3hot) and enabled to assert its PMEN pin through the
Configuration Register PMCSR. In addition, the device will
enter the D3cold state when PCI power is dropped,
regardless of the programmed power state. In either D3hot
or D3cold, if PMEN assertion is enabled, the device will
keep the receiver alive so that it may recognize wake
packets and signal the system to wake up; if PMEN
assertion is not enabled, the device will go to sleep and be
unable to receive packets.
The DP83821 supports several types of wake events that
will signal the power management logic to assert PMEN.
These are detailed in the Wake On LAN section (4.2.18.1).
In order for the device to request a system wake, at least
one wake event must be configured in the Wake Command
and Status Register (WCSR). If PMEN assertion is enabled
and the device enters the D3cold state with no wake
events enabled, the device will go to sleep.
When the device is in a power management state other
than D0 (the fully alive state), the only PCI bus activity it
may initiate is the assertion of PMEN. This means any
packets received will remain in the receive FIFO until the
device is returned to the fully alive state. Upon waking up,
the wake packet is available in the receive FIFO.
In any power state, enabling PMEN assertion adds
additional packet filtering: only those packet types that are
configured as wake packets in WCSR will be accepted.
This prevents non-wake packets from filling the receive
FIFO while the device is in a low power state and
preventing a wake packet from being accepted. It is
expected that while in the fully alive state, PMEN assertion
will be disabled to eliminate the extra level of filtering.
3.12 Network Management Functions
The DP83821 allows compliance with several layer
management standards to allow a node to monitor overall
network performance. These standards are:
— RFC 1213 (MIB II),
— RFC 1643 (Ether-like MIB), and
— IEEE 802.2 Layer Management.
Many of the counters required by these standards are
easily maintained in software during normal per-packet
processing. Those counters that would either be difficult or
impossible for software to maintain are provided for in
hardware (See Section 4.2.27). The table below outlines
each required counter, the relevant standard, and how the
counter should be maintained.
Table 3-1 MIB Compliance
Counter Name
Reference
Maintained by
Derivation
RXOctetsOK
RFC 1213,
802.3 LM
software, add cmdsts.SIZE
on receive packets with
cmdsts.OK bit set.
The byte count of each successfully
received packet is added to this counter.
The packet byte count includes the
address, type, data, and FCS fields.
RXFramesOK
802.3 LM
software, increment on
receive packets with
cmdsts.OK bit set.
This counter is incremented for each packet
successfully received (this includes
broadcast, multicast, and physical address
packets).
RXBroadcastPkts
RFC 1213,
802.3 LM
software, increment on
receive packets with
cmdsts.OK set and
cmdsts.DEST set to 11.
This counter is incremented for each
broadcast packet successfully received.
RXMulticastPkts
RFC 1213,
802.3 LM
software, increment on
receive packets with
cmdsts.OK set and
cmdsts.DEST set to 10.
This counter is incremented for each
multicast packet successfully received.
RXErroredPkts
RFC 1213
hardware, see
MIB:RxErroredPkts.
This counter is incremented for each packet
received with errors. This count includes
packets which are automatically rejected
from the FIFO due to both wire errors and
FIFO overruns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com