Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 16Page - National Semiconductor (TI) DP83821 Datasheet HTML 17Page - National Semiconductor (TI) DP83821 Datasheet HTML 18Page - National Semiconductor (TI) DP83821 Datasheet HTML 19Page - National Semiconductor (TI) DP83821 Datasheet HTML 20Page - National Semiconductor (TI) DP83821 Datasheet HTML 21Page - National Semiconductor (TI) DP83821 Datasheet HTML 22Page - National Semiconductor (TI) DP83821 Datasheet HTML 23Page - National Semiconductor (TI) DP83821 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
3.0 Functional Description (Continued)
20
www.national.com
Table 3-2 DP83821 Descriptor Format
In 32-bit addressing mode, the link and bufptr fields are 32-
bit fields. The DP83821 supports an optional extended
status field which supports VLAN and IP functions. To
enable
the
extsts
field,
software
should
set
the
EXTSTS_EN bit in the CFG register.
Some of the bit definitions in the cmdsts field are common
to both receive and transmit descriptors:
Table 3-3
cmdsts Common Bit Definitions
Table 3-4 Transmit
cmdsts Bit Definitions
offset
tag
description
0000h
link
32- or 64-bit "link" field to the next descriptor in the linked list. Bits 2-0 must be 0, as
descriptors must be aligned on 64-bit boundaries.
0004h or
0008h
bufptr
32- or 64-bit pointer to the first fragment or buffer. In transmit descriptors, the buffer can
begin on any byte boundary. In receive descriptors, the buffer must be aligned on a 64-bit
boundary.
0008h or
0010h
cmdsts
32-bit Command/Status Field (bit-encoded)
000ch or
0014h
extsts
OPTIONAL 32-bit Extended Status Field. Contains VLAN and IP information.
bit
tag
description
usage
31
OWN
Descriptor Ownership
Set to 1 by the data producer of the descriptor to transfer
ownership to the data consumer of the descriptor. Set to 0 by
the data consumer of the descriptor to return ownership to
the data producer of the descriptor. For transmit descriptors,
the driver is the data producer, and the DP83821 is the data
consumer. For receive descriptors, the DP83821 is the data
producer, and the driver is the data consumer.
30
MORE
More descriptors
Set to 1 to indicate that this is NOT the last descriptor in a
packet (there are MORE to follow). When 0, this descriptor is
the last descriptor in a packet. Completion status bits are
only valid when this bit is zero.
29
INTR
Interrupt
Set to 1 by software to request a "descriptor interrupt" when
DP83821 transfers the ownership of this descriptor back to
software.
28
SUPCRC
INCCRC
Suppress CRC / Include
CRC
In transmit descriptors, this indicates that CRC should not be
appended by the MAC. On receives, this bit will be set based
on the RXCFG:INCCRC bit.
27
OK
Packet OK
In the last descriptor in a packet, this bit indicates that the
packet was either sent or received successfully.
26-16
---
The usage of these bits differ in receive and transmit
descriptors. See below for details.
15-0
SIZE
Descriptor Byte Count
Set to the size in bytes of the data.
bit
tag
description
usage
26
TXA
Transmit Abort
Transmission of this packet was aborted.
25
TFU
Transmit FIFO Underrun
The transmit FIFO was exhausted during the transmission of
this packet.
24
CRS
Carrier Sense Lost
Carrier was lost during the transmission of this packet. This
condition is not reported if TXCFG:CSI is set.
23
TD
Transmit Deferred
Transmission of this packet was deferred.
22
ED
Excessive Deferral
The length of deferral during the transmission of this packet
was excessive.
21
OWC
Out of Window Collision
The MAC encountered an "out of window" collision during
the transmission of this packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com