Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 23Page - National Semiconductor (TI) DP83821 Datasheet HTML 24Page - National Semiconductor (TI) DP83821 Datasheet HTML 25Page - National Semiconductor (TI) DP83821 Datasheet HTML 26Page - National Semiconductor (TI) DP83821 Datasheet HTML 27Page - National Semiconductor (TI) DP83821 Datasheet HTML 28Page - National Semiconductor (TI) DP83821 Datasheet HTML 29Page - National Semiconductor (TI) DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
3.0 Functional Description (Continued)
27
www.national.com
Figure 3-16 Transmit State Diagram
3.13.3.2 Transmit Data Flow without Priority Queueing
In the DP83821 transmit architecture without Priority
Queueing, packet transmission involves the following
steps:
1. The device driver receives packets from an upper
layer.
2. An
available
DP83821
transmit
descriptor
is
allocated. The fragment information is copied from
the NOS specific data structure(s) to the next
DP83821 transmit descriptor.
3. The driver adds this descriptor to it’s internal list of
transmit descriptors awaiting transmission.
4. If the internal list was empty (this descriptor
represents the only outstanding transmit packet),
then the driver must set the TXDP register to the
address of this descriptor, else the driver will append
this descriptor to the end of the list.
5. The driver sets the TXEN bit in the CR register to
insure that the transmit state machine is active.
6. If idle, the transmit state machine reads the descriptor
into the TxDescriptorCache. If the OWN bit is not set,
the transmit state machine returns to idle to wait for
TXEN to be set again.
7. The state machine then moves through the fragment
described within the descriptor, filling the TxDataFifo
with data. The hardware handles all aspects of byte
alignment; no alignment is assumed. Fragments
may start and/or end on any byte address. The
transmit state machine uses the fragment pointer
and the SIZE field from the cmdsts field of the
current descriptor to keep the TxDataFifo full. It also
uses the MORE bit and the SIZE field from the
cmdsts
field of the current descriptor to know when
packet boundaries occur.
8. When
a
packet
has
completed
transmission
(successful or unsuccessful), the state machine
updates the cmdsts field of the current descriptor in
main memory (by bus-mastering a single 32-bit
word), relinquishing ownership, and indicating the
packet completion status. If more than one descriptor
txAdvance
link != NULL
txDescRead
TXDP <- txDescCache.link. Clear CTDD. Start a
burst transfer at address TXDP with a length
derived from TXCFG.
link == NULL
txIdle
set CTDD. set ISR:TXIDLE.
txDescRefr
txIdle
txDescRead
txFifoBlock
txDescWrite
txAdvance
txFragRead
CR:TXEN && CTDD
CR:TXEN && !CTDD
XferDone
XferDone
XferDone
XferDone && OWN
XferDone && !OWN
|| link != NULL
descCnt == 0 && !(cmdsts & MORE)
descCnt == 0 && (cmdsts & MORE)
FifoAvail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com