Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 63Page - National Semiconductor (TI) DP83821 Datasheet HTML 64Page - National Semiconductor (TI) DP83821 Datasheet HTML 65Page - National Semiconductor (TI) DP83821 Datasheet HTML 66Page - National Semiconductor (TI) DP83821 Datasheet HTML 67Page - National Semiconductor (TI) DP83821 Datasheet HTML 68Page - National Semiconductor (TI) DP83821 Datasheet HTML 69Page - National Semiconductor (TI) DP83821 Datasheet HTML 70Page - National Semiconductor (TI) DP83821 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
67
www.national.com
4.0 Register Set (Continued)
4.2.31 Receive Descriptor Pointer 1 Register
This register points to the Receive Descriptor for Priority Queue 1.
4.2.32 Receive Descriptor Pointer 2 Register
This register points to the Receive Descriptor for Priority Queue 2.
Tag: RXDP1
Size: 32 bits
Hard Reset: 00000000h
Offset: 00B0h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
RXDP1
Receive
Descriptor Pointer
1
The current value of the receive descriptor pointer for Priority Queue 1. Packets will be
stored in Priority Queue 1 based on the number of priority queues enabled and the
priority field in the VLAN tag. When the receive state machine is idle, software must set
RXDP1 to the address of an available receive descriptor, and then enable the queue by
writing to the RXE bit in the CR with the RXPRI[1] bit set. While the receive state machine
is active, RXDP1 will follow the state machine as it advances through a linked list of
available descriptors. If the link field of the current receive descriptor is NULL (signifying
the end of the list), RXDP1 will not advance, but will remain on the current descriptor. Any
subsequent writes to the RXE bit of the CR register will cause the receive state machine
to reread the link field of the current descriptor to check for new descriptors that may have
been appended to the end of the list. Software should not write to this register unless the
receive state machine is idle. Receive descriptors must be aligned on 64-bit boundaries
(A2-A0 must be zero).
2-0
unused
Tag: RXDP2
Size: 32 bits
Hard Reset: 00000000h
Offset: 00B4h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
RXDP2
Receive
Descriptor Pointer
2
The current value of the receive descriptor pointer for Priority Queue 2. Packets will be
stored in Priority Queue 2 based on the number of priority queues enabled and the
priority field in the VLAN tag. When the receive state machine is idle, software must set
RXDP2 to the address of an available receive descriptor, and then enable the queue by
writing to the RXE bit in the CR with the RXPRI[2] bit set. While the receive state machine
is active, RXDP2 will follow the state machine as it advances through a linked list of
available descriptors. If the link field of the current receive descriptor is NULL (signifying
the end of the list), RXDP2 will not advance, but will remain on the current descriptor. Any
subsequent writes to the RXE bit of the CR register will cause the receive state machine
to reread the link field of the current descriptor to check for new descriptors that may have
been appended to the end of the list. Software should not write to this register unless the
receive state machine is idle. Receive descriptors must be aligned on 64-bit boundaries
(A2-A0 must be zero).
2-0
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com