Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 24Page - National Semiconductor (TI) DP83821 Datasheet HTML 25Page - National Semiconductor (TI) DP83821 Datasheet HTML 26Page - National Semiconductor (TI) DP83821 Datasheet HTML 27Page - National Semiconductor (TI) DP83821 Datasheet HTML 28Page - National Semiconductor (TI) DP83821 Datasheet HTML 29Page - National Semiconductor (TI) DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
3.0 Functional Description (Continued)
28
www.national.com
was used to describe the packet, then completion
status is updated only in the last descriptor.
Intermediate descriptors only have the OWN bits
modified.
9. If the link field of the descriptor is non-zero, the state
machine advances to the next descriptor and
continues. When reading the next descriptor, if the
OWN bit is not set, the state machine will halt and
wait for TXEN to be set again.
10. If the link field is NULL, the transmit state machine
suspends, waiting for the TXEN bit in the CR register
to be set. If the TXDP register is written to, the CTDD
flag will be cleared. When the TXEN bit is set, the
state machine will examine CTDD. If CTDD is set,
the state machine will "refresh" the link field of the
current descriptor. It will then follow the link field to
any new descriptors that have been added to the end
of the list. If CTDD is clear (implying that TXDP has
been written to), the state machine will start by
reading in the descriptor pointed to by TXDP.
3.13.3.3 Transmit Data Flow with Priority Queueing
The transmit architecture with Priority Queueing is the
same with a few minor differences:
— Driver keeps a separate list for each descriptor queue.
— When setting the TXEN bit, the driver must also set the
appropriate TXPRI bit for the priority queue or queues to
which descriptors are being appended.
— Upon completion of a packet, the transmit state machine
first determines what the highest priority descriptor is
available based on non-zero link fields and TXEN bits. It
then follows the appropriate link or reads a new
descriptor for the next packet to be transmitted.
3.13.4 Receive Architecture
The receive architecture is as "symmetrical" to the transmit
architecture as possible. As is done in the transmitter, the
receive architecture can support a single descriptor queue
or multiple descriptor queues for handling priority traffic.
When the amount of receive data in the RxDataFIFO is
more than the RxDrainThreshold, or the RxDataFIFO
contains a complete packet, then the state machine begins
filling received buffers in host memory.
Figure 3-17 Receive Architecture without Priority Queueing
Without Priority Queueing, the device will transfer packets
to a single Descriptor list. Only one descriptor pointer is
required. The receive buffer manager prefetches receive
descriptors to prepare for incoming packets. When the
RXEN bit is set to 1 in the CR register (regardless of the
current state), and the DP83821 receive state machine is
idle, then DP83821 will read the contents of the descriptor
referenced by RXDP into the Rx Descriptor Cache. The Rx
Descriptor Cache allows the DP83821 to read an entire
descriptor in a single burst, and reduces the number of bus
accesses required for fragment information to 1. The
DP83821 Rx Descriptor Cache holds a single buffer
pointer/count combination.
Receive Descriptor List
Current Rx Desc Ptr
Software/Memory
Hardware
Rx Data FIFO
link
bufptr
cmdsts
cmdsts
Rx DMA
bufptr
Packet
RxHead
link
Rx Desc Cache
link
bufptr
cmdsts
Packet
link
bufptr
cmdsts
Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com