Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 66Page - National Semiconductor (TI) DP83821 Datasheet HTML 67Page - National Semiconductor (TI) DP83821 Datasheet HTML 68Page - National Semiconductor (TI) DP83821 Datasheet HTML 69Page - National Semiconductor (TI) DP83821 Datasheet HTML 70Page - National Semiconductor (TI) DP83821 Datasheet HTML 71Page - National Semiconductor (TI) DP83821 Datasheet HTML 72Page - National Semiconductor (TI) DP83821 Datasheet HTML 73Page - National Semiconductor (TI) DP83821 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
70
www.national.com
4.0 Register Set (Continued)
4.2.38 TBI Control Register
This register is used to enable and/or restart TBI auto-negotiation. It is also used to enable PCS loopback of TBI data.
4.2.39 TBI Status Register
This register indicates the link status and the auto-negotiation status for the TBI interface.
4.2.40 TBI Auto-Negotiation Advertisement Register
This register is configured before auto-negotiation begins and contains the advertised ability of the local device.
Tag: TBICR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00E0h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
15
unused - Returns 0
14
MR_LOOPBACK
TBI PCS Loopback
Enable
When set to a 1, indicates to TBI that the interfacing PHY device is in
loopback mode (i.e. signal detect not necessarily required).
13
unused - returns 0
12
MR_AN_ENABLE
TBI Auto-Negotiation
Enable
When set to a 1, enables the Auto-negotiation function for the TBI
interface. R/W
11-10
unused - returns 0
9
MR_RESTART_AN
Restarts the TBI Auto-
negotiation Process
When set to a 1, TBI Auto-Negotiation is restarted. This bit allows
management control of renegotiation.
8-0
unused - returns 0
Tag: TBISR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00E4h
Access: Read Only
Soft Reset: 00000000h
bit
tag
description
usage
15-6
unused - returns 0
5
MR_LINK_STATUS
Link Status of the TBI
Interface
Read-only bit, when set to a 1, indicates that the TBI interface is ready
to transmit and receive data.
4-3
unused - returns 0
2
MR_AN_COMPLETE TBI Auto-negotiation
Completed Successfully
Read-only bit, when set to a 1, indicates that the TBI interface has
successfully completed auto-negotiation.
1-0
unused - returns 0
Tag: TANAR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00E8h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
15
NP
Next Page Exchange
Required
When set to a 1, this bit indicates that next page transmission is
requested. Subsequent next pages may set the NP bit to a 0 to
indicate next page transmission is completed. A device may
implement next page ability and choose not to engage in a next page
exchange by clearing this bit.
14
mr_adv_ability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com