Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) DP83821 Datasheet HTML 53Page - National Semiconductor (TI) DP83821 Datasheet HTML 54Page - National Semiconductor (TI) DP83821 Datasheet HTML 55Page - National Semiconductor (TI) DP83821 Datasheet HTML 56Page - National Semiconductor (TI) DP83821 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
53
www.national.com
4.0 Register Set (Continued)
4.2.17 Priority Queueing Control Register
This register allows control of Priority Queueing features.
27
ALP
Accept Long Packets
When set to 1, all packets > 1518 bytes in length and <= 65527 bytes will
be treated as normal receive packets, and will not be tagged as long or
error packets. All packets > 65527 bytes in length will be truncated at
65528 bytes and either rejected from the FIFO, or tagged as long packets.
Care must be taken when accepting long packets to ensure that buffers
provided are of adequate length. When ALP is set to 0, packets larger than
1518 bytes (CRC inclusive) will be truncated at 1514 bytes, and rejected if
possible.
26
AIRL
Accept In-Range Length
Errored Packets
When set to 1, packets with Length/Type fields that do not match the data
length of the packet will be accepted. When set to 0, packets with
Length/Type fields that do not match the data length of the packet will be
rejected. In-Range Length checking only occurs if the Length/Type field is a
valid length.
25-23
unused
22-20
MXDMA
Max DMA Burst Size per Rx
DMA Burst
This field sets the maximum size of receive DMA data bursts according to
the following table:
000 = 256 32-bit words (1024 bytes)
001 = 2 32-bit words (8 bytes)
010 = 4 32-bit words (16 bytes)
011 = 8 32-bit words (32 bytes)
100 = 16 32-bit words (64 bytes)
101 = 32 32-bit words (128 bytes)
110 = 64 32-bit words (256 bytes)
111 = 128 32-bit word (512 bytes)
19-6
unused
5-1
DRTH
Rx Drain Threshold
Specifies the drain threshold in units of 8 bytes. When the number of bytes
in the receive FIFO reaches this value (times 8), or the FIFO contains a
complete packet, the receive bus master state machine will begin the
transfer of data from the FIFO to host memory. Care must be taken when
setting DRTH to a value lower than the number of bytes needed to
determine if packet should be accepted or rejected. In this case, the packet
might be rejected after the bus master operation to begin transferring the
packet into memory has begun. When this occurs, neither the OK bit or any
error status bit in the descriptor’s cmdsts will be set. A value of 0 prevents
draining of the packet until it is completely received.
This value is also used to compare with the accumulated packet length for
early receive indication. When the accumulated packet length meets or
exceeds the DRTH value, the RXEARLY interrupt condition is generated. A
value of 0 prevents the RXEARLY interrupt.
0
unused.
Tag: PQCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 003Ch
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-4
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com