Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 65Page - National Semiconductor (TI) DP83821 Datasheet HTML 66Page - National Semiconductor (TI) DP83821 Datasheet HTML 67Page - National Semiconductor (TI) DP83821 Datasheet HTML 68Page - National Semiconductor (TI) DP83821 Datasheet HTML 69Page - National Semiconductor (TI) DP83821 Datasheet HTML 70Page - National Semiconductor (TI) DP83821 Datasheet HTML 71Page - National Semiconductor (TI) DP83821 Datasheet HTML 72Page - National Semiconductor (TI) DP83821 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
69
www.national.com
4.0 Register Set (Continued)
4.2.35 VLAN/IP Transmit Control Register
This register allows enabling of the various VLAN tag handling features and IP checksum offload features.
4.2.36 VLAN Data Register
This register contains data for VLAN tag insertion and detection.
4.2.37 Clockrun Control/Status Register
Tag: VTCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00C0h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-4
unused
3
PPCHK
Per-Packet
Checksum
Generation
Enables IP/TCP/UDP Checksum generation on a per-packet basis. Uses individual
enable controls from the EXTSTS field of the packet descriptor.
2
GCHK
Global Checksum
Generation
Enables IP/TCP/UDP Checksum generation on all transmit packets.
1
VPPTI
VLAN Per-Packet
Tag Insertion
Insert VLAN tag in on a per-packet basis. Uses the VLAN Data Register VLAN type field
for the VLAN type. Uses the user_priority, CFI and VLAN ID fields from the EXTSTS field
of the packet descriptor.
0
VGTI
VLAN Global Tag
Insertion
Insert VLAN tag in all transmit packets. Uses the VLAN Data Register data for the 32-bit
VLAN tag to be inserted.
Tag: VDR
Size: 32 bits
Hard Reset: 00000081h
Offset: 00C4h
Access: Read Write
Soft Reset: 00000081h
bit
tag
description
usage
31-16
VTCI
VLAN Tag Control
Information Field
This field is the 2-octet VLAN TCI field. It is used by the transmitter during Global Tag
Insertion. It contains the VLAN user_priority, CFI and VID (VLAN Identifier) fields. It is not
used by the receiver.
15-0
VTYPE
VLAN Type Field
This field is the 2-octet VLAN type field. By default this contains the 802.1QTag Type of
81-00. In order to represent the order the bytes will be shifted on the wire, it actually
contains a value of 0081h. This field is used by the transmitter for Global Tag Insertion
and by the receiver for Tag detection.
Tag: CCSR
Size: 32 bits
Hard Reset: 00000000h
Offset: 00CCh
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-16
unused (reads return 0)
15
PMESTS
PME Status
Sticky bit which represents the state of the PME/CLKRUN logic, regardless of the state of
the PMEEN bit. Mirrored from PCI configuration register PMCSR. Writing a 1 to this bit
clears it.
14-9
unused (reads return 0)
8
PMEEN
PME Enable
When set to 1, this bit enabled the assertion of the PMEN pin. When 0, the PMEN pin is
forced to be inactive. This value can be loaded from the EEPROM. Mirrored from PCI
configuration register PMCSR.
7-1
unused (reads return 0)
0
CLKRUN_EN CLKRUN Enable When set to 1, this bit enables the CLKRUN logic and allows the assertion of the
CLKRUN_N pin. When 0, the CLKRUN function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com