Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 21Page - National Semiconductor (TI) DP83821 Datasheet HTML 22Page - National Semiconductor (TI) DP83821 Datasheet HTML 23Page - National Semiconductor (TI) DP83821 Datasheet HTML 24Page - National Semiconductor (TI) DP83821 Datasheet HTML 25Page - National Semiconductor (TI) DP83821 Datasheet HTML 26Page - National Semiconductor (TI) DP83821 Datasheet HTML 27Page - National Semiconductor (TI) DP83821 Datasheet HTML 28Page - National Semiconductor (TI) DP83821 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
3.0 Functional Description (Continued)
25
www.national.com
3.13.3 Transmit Architecture
The Transmit architecture can support a single transmit
queue, or can support multiple transmit queues for
handling priority traffic. The following figures illustrate the
transmit architecture of the DP83821 Ethernet Controller
with and without Priority Queueing.
Figure 3-14 Transmit Architecture without Priority Queueing
Without Priority Queueing, the device will draw packets
from a single Descriptor list. Only one descriptor pointer is
required. When the CR:TXEN bit is set to 1 (regardless of
the current state), and the DP83821 transmitter is idle, then
DP83821 will read the contents of the current transmit
descriptor
into
the
TxDescCache.
The
DP83821’s
TxDescCache can hold a single fragment pointer/count
combination.
Figure 3-15 Transmit Architecture with Priority Queueing
With Priority Queueing, the device will draw packets from
up to 4 Descriptor lists. The device has four descriptor
pointers and associated control logic to keep track of when
descriptors are available with valid packet information. In
this case, pulsing CR:TXEN with CR:TXPRI[p] set will
indicate to the DP83821 that a descriptor is available for
descriptor queue of priority ‘p’. Based on the priority
algorithm in use, the device will draw from the current
highest priority descriptor that has packets available for
transmission. There is no reordering of packets once they
are queued within the internal FIFO.
Transmit Descriptor
Current Tx Desc Ptr
Software/Memory
Hardware
Tx Data FIFO
link
bufptr
cmdsts
cmdsts
Tx DMA
bufptr
Packet
TxHead
link
Tx Desc Cache
link
bufptr
cmdsts
Packet
link
bufptr
cmdsts
Packet
Transmit Descriptor
Current Tx Desc Ptr
Software/Memory
Hardware
Tx Data FIFO
link
bufptr
cmdsts
cmdsts
Tx DMA
bufptr
TxHead
link
Tx Desc Cache
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
TXDP1
TXDP2
TXDP3
TXDP4
Q0
Q1
Q2
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com