Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 61Page - National Semiconductor (TI) DP83821 Datasheet HTML 62Page - National Semiconductor (TI) DP83821 Datasheet HTML 63Page - National Semiconductor (TI) DP83821 Datasheet HTML 64Page - National Semiconductor (TI) DP83821 Datasheet HTML 65Page - National Semiconductor (TI) DP83821 Datasheet HTML 66Page - National Semiconductor (TI) DP83821 Datasheet HTML 67Page - National Semiconductor (TI) DP83821 Datasheet HTML 68Page - National Semiconductor (TI) DP83821 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
4.0 Register Set (Continued)
65
www.national.com
4.2.27 Management Information Base Registers
The counters provide a set of statistics compliant with the
following management specifications: MIB II, Ether-like
MIB, and IEEE MIB. The values provided are accessed
through the various registers as shown below. All MIB
counters are cleared to 0 when read.
Due to cost and space limitations, the counter bit widths
provided in the DP83821 MIB are less than the bit widths
called for in the above specifications. It is assumed that
management agent software will maintain a set of fully
compliant statistic values ("software" counters), utilizing the
hardware counters to reduce the frequency at which these
"software" counters must be updated. Sizes for specific
hardware statistic counters were chosen such that the
count values will not roll over in less than 30 ms if
incremented at the theoretical maximum rates described in
the
above
specifications.
However,
given
that
the
theoretical maximum counter rates do not represent
realistic network traffic and events, the actual rollover rates
for the hardware counters are more likely to be on the
order of several seconds. The hardware counters are
updated automatically by the MAC on the occurrence of
each event.
Table 4-3 MIB Registers
offset
tag
size
warning
(MS bits)
description
0060h
RXErroredPkts
16
8
Packets received with errors. This counter is incremented for each
packet received with errors. This count includes packets which are
automatically rejected from the FIFO due to both wire errors and
FIFO overruns.
0064h
RXFCSErrors
16
8
Packets received with frame check sequence errors. This counter is
incremented for each packet received with a Frame Check
Sequence error (bad CRC).
Note: For the MII interface, an FCS error is defined as a resulting
invalid CRC after CRS goes invalid and an even number of bytes
have been received.
0068h
RXMsdPktErrors
16
8
Packets missed due to FIFO overruns. This counter is incremented
for each receive aborted due to data or status FIFO overruns
(insufficient buffer space).
006Ch
RXFAErrors
16
8
Packets received with frame alignment errors. This counter is
incremented for each packet received with a Frame Check
Sequence error (bad CRC).
Note: For the MII interface, an FAE error is defined as a resulting
invalid CRC on the last full octet, and an odd number of nibbles have
been received (Dribble nibble condition with a bad CRC).
0070h
RXSymbolErrors
16
8
Packets received with one or more symbol errors. This counter is
incremented for each packet received with one or more symbol
errors detected.
Note: For the MII interface, a symbol error is indicated by the
RX_ER signal becoming active for one or more clocks while the
RX_DV signal is active (during valid data reception).
0074h
RXFrameTooLong
16
8
Packets received with length greater than 1518 bytes (too long
packets). This counter is incremented for each packet received with
greater than the 802.3 standard maximum length of 1518 bytes.
0078h
RXIRLErrors
16
8
Packets received with In Range Length errors. This counter
increments for packets received with a MAC length/type value
between 64 and 1518 bytes, inclusive, that does not match the
number of bytes received. This counter also increments for packets
with a MAC length/type field of less than 64 bytes and more than 64
bytes received.
007Ch
RXBadOpcodes
16
8
Packets received with a valid MAC control type and an opcode for a
function that is not supported by the device.
0080h
RXPauseFrames
16
8
MAC control Pause frames received.
0084h
TXPauseFrames
16
8
MAC control Pause frames transmitted.
0088h
TXSQEErrors
8
4
Loss of collision heartbeat during transmission. This counter is
incremented when the collision heartbeat pulse is not detected by
the PMD after a transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com