Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 25Page - National Semiconductor (TI) DP83821 Datasheet HTML 26Page - National Semiconductor (TI) DP83821 Datasheet HTML 27Page - National Semiconductor (TI) DP83821 Datasheet HTML 28Page - National Semiconductor (TI) DP83821 Datasheet HTML 29Page - National Semiconductor (TI) DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
3.0 Functional Description (Continued)
29
www.national.com
Figure 3-18 Receive Architecture with Priority Queueing
With Priority Queueing, the device will transfer packets
onto up to 4 Descriptor lists. The device has four descriptor
pointers and associated control logic to keep track of when
descriptors are available with valid packet information. The
Receiver uses the user_priority field of a VLAN tag to
determine the priority, based on the 802.1Q encodings
based on the number of priority queues enabled. If the
packet has no VLAN tag, then a priority of 0 is assumed.
There is no reordering of packets while in the Receive Data
FIFO.
3.13.5 Receive State Machine
The receive state machine has the following states:
The receive state machine manipulates the fol-
lowing internal data spaces:
Inputs to the receive state machine include the following events:
Receive Descriptor List
Current Rx Desc Ptr
Software/Memory
Hardware
Rx Data FIFO
link
bufptr
cmdsts
cmdsts
Rx DMA
bufptr
RxHead
link
Rx Desc Cache
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
link
bufptr
cmdsts
RXDP1
RXDP2
RXDP3
RXDP4
Q0
Q1
Q2
Q3
rxIdle
The receive state machine is idle.
rxDescRefr
Waiting for the "refresh" transfer of the link field of a completed descriptor from the PCI bus.
rxDescRead
Waiting for the transfer of a descriptor from the PCI bus into the RxDescCache.
rxFifoBlock
Waiting for the amount of data in the RxDataFifo to reach the RxDrainThreshold or to
represent a complete packet.
rxFragWrite
Waiting for the transfer of data from the RxDataFIFO via the PCI bus to host memory.
rxDescWrite
Waiting for the completion of the write of the cmdsts field of a receive descriptor.
RXDP
A 32-bit register that points to the current receive descriptor.
CRDD
An internal bit flag that is set when the current receive descriptor has been completed, and
ownership has been returned to the driver. It is cleared whenever RXDP is loaded with a new
value (either by the state machine, or the driver).
RxDescCache
An internal data space equal to the size of the maximum receive descriptor supported.
descCnt
Count of bytes available for storing receive data in all of the fragments described by the current
descriptor.
fragPtr
Pointer to the next unwritten byte in the current fragment.
rxPktCnt
Number of packets in the rxDataFifo. Incremented by the MAC (the fill side of the FIFO).
Decremented by the receive state machine as packets are processed.
rxPktBytes
Number of bytes in the current packet being drained from the rxDataFifo, that are in fact
currently in the rxDataFifo (Note: for packets larger than the FIFO size, this number will never
be greater than the FIFO size).
CR:RXEN
The RXEN bit in the Command Register has been set.
XferDone
completion of a PCI bus transfer request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com