Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 54Page - National Semiconductor (TI) DP83821 Datasheet HTML 55Page - National Semiconductor (TI) DP83821 Datasheet HTML 56Page - National Semiconductor (TI) DP83821 Datasheet HTML 57Page - National Semiconductor (TI) DP83821 Datasheet HTML 58Page - National Semiconductor (TI) DP83821 Datasheet HTML 59Page - National Semiconductor (TI) DP83821 Datasheet HTML 60Page - National Semiconductor (TI) DP83821 Datasheet HTML 61Page - National Semiconductor (TI) DP83821 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
58
www.national.com
4.0 Register Set (Continued)
4.2.20 Receive Filter/Match Control Register
The RFCR register is used to control and configure the DP83821 Receive Filter Control logic. The Receive Filter Control
Logic is used to configure destination address filtering of incoming packets.
Tag: RFCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 0048h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31
RFEN
Rx Filter Enable
When this bit is set to 1, the Rx Filter is enabled to qualify incoming
packets. When set to a 0, receive packet filtering is disabled (i.e. all receive
packets are rejected). This bit must be 0 for the other bits in this register to
be configured.
30
AAB
Accept All Broadcast
When set to a 1, this bit causes all broadcast address packets to be
accepted. When set to 0, no broadcast address packets will be accepted.
29
AAM
Accept All Multicast
When set to a 1, this bit causes all multicast address packets to be
accepted. When set to 0, multicast destination addresses must have the
appropriate bit set in the multicast hash table mask in order for the packet
to be accepted.
28
AAU
Accept All Unicast
When set to a 1, this bit causes all unicast address packets to be accepted.
When set to 0, the destination address must match the node address value
specified through some other means in order for the packet to be accepted.
27
APM
Accept on Perfect Match
When set to 1, this bit allows the perfect match register to be used to
compare against the DA for packet acceptance. When this bit is 0, the
perfect match register contents will not be used for DA comparison.
26-23
APAT
Accept on Pattern Match
When one or more of these bits is set to 1, a packet will be accepted if the
first n bytes (n is the value defined in the associated pattern count register)
match the associated pattern buffer memory contents. When a bit is set to
0, the associated pattern buffer will not be used for packet acceptance.
22
AARP
Accept ARP Packets
When set to 1, this bit allows all ARP packets (packets with a TYPE/LEN
field set to 0806h) to be accepted, regardless of the DA value. When set to
0, ARP packets are treated as normal packets and must meet other DA
match criteria for acceptance.
21
MHEN
Multicast Hash Enable
When set to 1, this bit allows hash table comparison for multicast
addresses, i.e. a hash table hit for a multicast addressed packet will be
accepted. When set to 0, multicast hash hits will not be used for packet
acceptance.
20
UHEN
Unicast Hash Enable
When set to 1, this bit allows hash table comparison for unicast addresses,
i.e. a hash table hit for a unicast addressed packet will be accepted. When
set to 0, unicast hash hits will not be used for packet acceptance.
19
ULM
U/L bit Mask
When set to 1, this bit will cause the U/L bit (2nd MSb) of the DA to be
ignored during comparison with the perfect match register.
18-10
unused - returns 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com