Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 43Page - National Semiconductor (TI) DP83821 Datasheet HTML 44Page - National Semiconductor (TI) DP83821 Datasheet HTML 45Page - National Semiconductor (TI) DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
47
www.national.com
4.0 Register Set (Continued)
26
RXDESC3
Rx Descriptor for Priority
Queue 3
This event is signaled after a receive descriptor with the INTR bit set in the
CMDSTS field has been updated.
25
RXDESC2
Rx Descriptor for Priority
Queue 2
This event is signaled after a receive descriptor with the INTR bit set in the
CMDSTS field has been updated.
24
RXDESC1
Rx Descriptor for Priority
Queue 1
This event is signaled after a receive descriptor with the INTR bit set in the
CMDSTS field has been updated.
23
RXDESC0
Rx Descriptor for Priority
Queue 0
This event is signaled after a receive descriptor with the INTR bit set in the
CMDSTS field has been updated.
22
TXRCMP
Transmit Reset Complete
Indicates that a requested transmit reset operation is complete.
21
RXRCMP
Receive Reset Complete
Indicates that a requested receive reset operation is complete.
20
DPERR
Detected Parity Error
This bit is set whenever CFGCS:DPERR is set, but cleared (like all other
ISR bits) when the ISR register is read.
19
SSERR
Signaled System Error
The DP83821 signaled a system error on the PCI bus.
18
RMABT
Received Master Abort
The DP83821 received a master abort generated as a result of target not
responding.
17
RTABT
Received Target Abort
The DP83821 received a target abort on the PCI bus.
16
RXSOVR
Rx Status FIFO Overrun
Set when an overrun condition occurs on the Rx Status FIFO.
15
HIBINT
High Bits Interrupt Set
A logical OR of bits 22-16
14
PHY
Phy interrupt
Set to 1 when interrupt is generated due to change in phy status.
13
PME
Power Management Event
Set when WOL conditioned detected
12
SWI
Software Interrupt
Set whenever the SWI bit in the CR register is set.
11
MIB
MIB Service
Set when one of the enabled management statistics has reached its
interrupt threshold.
10
TXURN
Tx Underrun
Set when a transmit data FIFO underrun condition occurs.
9
TXIDLE
Tx Idle
This event is signaled when the transmit state machine enters the idle state
from a non-idle state. This will happen whenever the state machine
encounters an "end-of-list" condition (NULL link field or a descriptor with
OWN clear).
8
TXERR
Tx Packet Error
This event is signaled after the last transmit descriptor in a failed
transmission attempt has been updated with valid status.
7
TXDESC
Tx Descriptor
This event is signaled after a transmit descriptor with the INTR bit set in the
CMDSTS field has been updated. If priority queueing is enabled, this bit will
be set when any of the TXDESC0-3 bits are set.
6
TXOK
Tx Packet OK
This event is signaled after the last transmit descriptor in a successful
transmission attempt has been updated with valid status
5
RXORN
Rx Overrun
Set when a receive data FIFO overrun condition occurs.
4
RXIDLE
Rx Idle
This event is signaled when the receive state machine enters the idle state
from a running state. This will happen whenever the state machine
encounters an "end-of-list" condition (NULL link field or a descriptor with
OWN set).
3
RXEARLY
Rx Early Threshold
Indicates that the initial Rx Drain Threshold has been met by the incoming
packet, and the transfer of the number of bytes specified by the DRTH field
in the RXCFG register has been completed by the receive DMA engine.
This interrupt condition will occur only once per packet.
2
RXERR
Rx Packet Error
This event is signaled after the last receive descriptor in a failed packet
reception has been updated with valid status.
1
RXDESC
Rx Descriptor
This event is signaled after a receive descriptor with the INTR bit set in the
CMDSTS field has been updated. If priority queueing is enabled, this bit will
be set when any of the RXDESC0-3 bits are set.
0
RXOK
Rx OK
Set by the receive state machine following the update of the last receive
descriptor in a good packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com