Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 41Page - National Semiconductor (TI) DP83821 Datasheet HTML 42Page - National Semiconductor (TI) DP83821 Datasheet HTML 43Page - National Semiconductor (TI) DP83821 Datasheet HTML 44Page - National Semiconductor (TI) DP83821 Datasheet HTML 45Page - National Semiconductor (TI) DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
45
www.national.com
4.0 Register Set (Continued)
4.2.4 EEPROM Map
Registers for SOPAS[47:0] and PMATCH[47:0] can be accessed directly via the combination of the RFCR (offset 0048h)
and RFDR (offset 004Ch) registers as well as loaded from the EEPROM as noted here.
The lower 8 bits of the checksum value should be 55h. For the upper 8 bits, add the top 8 data bits to the lower 8 data
bits for each address. Sum the resultant 8 bit values for all addresses and then add 55h. Take the 2’s complement of the
final sum. This 2’s complement number should be the upper 8 bits of the checksum value in the last address.
As an example, consider an EEPROM with two addresses. EEPROM address 0000h contains the data 1234h. EEPROM
address 0001h contains the data 5678h.
12h + 34h = 46h
56h + 78h = CEh
46h + CEh + 55h = 69h
The 2’s complement of 69h is 97h so the checksum value entered into EEPROM address 0002h would be 9755h.
EEPROM
Address
Configuration/Operation Register Bits
Default Value
(16 bits)
0000h
CFGSID[31:16]
0000h
0001h
CFGSID[15:0]
0000h
0002h
CFGINT[31:16]
340Bh
0003h
4’h0,
3’h0, CFGCS[20],
2’h0, PMCAP[31], PMCAP[21],
3’h0, PMCSR[8]
0020h
0004h
6’h00, GPIOR[9:0]
0000h
0005h
6’h00, CFG[24:21], CFG[16:15], 3’h0, CFG[1]
0000h
0006h
CR[2], WCSR[10:9], WCSR[4:0],
1’h0, RFCR[31:27], RFCR[22], RFCR[19]
0000h
0007h
SOPAS[47:32]
0000h
0008h
SOPAS[31:16]
0000h
0009h
SOPAS[15:0]
0000h
000Ah
PMATCH[47:32]
0000h
000Bh
PMATCH[31:16]
0000h
000Ch
PMATCH[15:0]
0000h
000Dh
checksum value
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com