Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83821 Datasheet HTML 1Page - National Semiconductor (TI) DP83821 Datasheet HTML 2Page - National Semiconductor (TI) DP83821 Datasheet HTML 3Page - National Semiconductor (TI) DP83821 Datasheet HTML 4Page - National Semiconductor (TI) DP83821 Datasheet HTML 5Page - National Semiconductor (TI) DP83821 Datasheet HTML 6Page - National Semiconductor (TI) DP83821 Datasheet HTML 7Page - National Semiconductor (TI) DP83821 Datasheet HTML 8Page - National Semiconductor (TI) DP83821 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
5
www.national.com
2.0 Pin Descriptions (Continued)
RXCLK/
RXPMACLK1
156
I
Receive Clock: A continuous clock, sourced by an external PMD device, that is
recovered from the incoming data. During 1000 Mb/s mode RX_CLK is 125
MHz, during 100 Mb/s operation RX_CLK is 25 MHz and during 10 Mb/s this is
2.5 MHz.
Receive PMA Clock 1: In TBI mode, this 62.5Mhz clock is used in conjunction
with RXPMACLK0 to clock 10-bit TBI data into the DP83821. The rising edge of
RXPMACLK1 clocks the even-numbered bytes.
RXD7,
RXD6,
RXD5,
RXD4,
RXD3,
RXD2,
RXD1,
RXD0
166,
165,
164,
163,
160,
159,
158,
157
I
Gigabit Receive Data: This is a group of 8 signals, sourced from an external
PMD, that contains data aligned on byte boundaries and are driven
synchronous to the RX_CLK. RXD7 is most significant bit.
Receive Data: This is a group of 4 signals, sourced from an external PMD, that
contains data aligned on nibble boundaries and are driven synchronous to the
RX_CLK. RXD3 is the most significant bit and RXD0 is the least significant bit.
RXD7 through RXD4 are not used in this mode.
TBI Receive Data: In TBI mode, these bits are the lower 8 bits of the 10-bit TBI
Receive data.
RXDV/RXD8
167
I
Receive Data Valid: This indicates that the external PMD is presenting
recovered and decoded nibbles on the RXD signals, and that RX_CLK is
synchronous to the recovered data in 100 Mb/s operation. This signal will
encompass the frame, starting with the Start-of-Frame delimiter (JK) and
excluding any End-of-Frame delimiter (TR).
TBI Receive Data: In TBI mode, this is RXD8 of the 10-bit TBI Receive data.
RXER/RXD9
168
I
Receive Error: This signal is asserted high synchronously by the external PMD
whenever it detects a media error and RXDV is asserted in 100 Mb/s or 1000
Mb/s operation.
TBI Receive Data: In TBI mode, this is RXD9 of the 10-bit TBI Receive data.
RXEN
171
O
Receive Output Enable: This pin is used to disable an external PMD while the
BIOS ROM is being accessed.
TXCLK/
RXPMACLK0
155
I
MII Transmit Clock: A continuous clock that is sourced by the external PMD.
During 100 Mb/s operation this is 25 MHz +/- 100 ppm. During 10 Mb/s
operation this clock is 2.5 MHz +/- 100 ppm.
Receive PMA Clock 0: In TBI mode, this 62.5Mhz clock is used in conjunction
with RXPMACLK1 to clock 10-bit TBI data into the DP83821. The rising edge of
RXPMACLK0 clocks the odd-numbered bytes.
TXD7/MA15,
TXD6/MA14,
TXD5/MA13,
TXD4/MA12,
TXD3/MA11,
TXD2/MA10,
TXD1/MA9,
TXD0/MA8
152,
151,
148,
147,
146,
145,
142,
141
O
Gigabit Transmit Data: This is a group of 8 signals which are driven
synchronous to GTXCLK. TXD7 is the most significant bit.
Transmit Data: This is a group of 4 data signals which are driven synchronous
to the TXCLK for transmission to the external PMD. TXD3 is the most
significant bit and TXD0 is the least significant bit. TXD7 through TXD4 are not
used in this mode
TBI Transmit Data: In TBI mode, this is the lower 8 bits of the 10-bit TBI
Transmit data.
BIOS ROM Address: During external BIOS ROM access, these signals
become part of the ROM address.
TXEN/TXD8
153
O
Transmit Enable: This signal is synchronous to TXCLK and provides precise
framing for data carried on TXD3-0 for the external PMD. It is asserted when
TXD3-0 contains valid data to be transmitted.
TBI Transmit Data: In TBI mode, this is TXD8 of the 10-bit TBI Transmit data.
Media Independent Interface (MII) - and Gigabit Media Independent Interface (GMII).
Symbol
Pin No(s)
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com