Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) DP83821 Datasheet HTML 41Page - National Semiconductor (TI) DP83821 Datasheet HTML 42Page - National Semiconductor (TI) DP83821 Datasheet HTML 43Page - National Semiconductor (TI) DP83821 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
40
www.national.com
4.0 Register Set (Continued)
4.2 Operational Registers
The DP83821 provides the following set of operational registers mapped into PCI memory space or I/O space. Writes to
reserved register locations are ignored. Reads to reserved register locations return undefined values. When mapped to
I/O space, a 256 byte window allows access to all the Operational Registers (00-FCh). When mapped into PCI memory
space, a 4096 byte window is enabled. In addition to access to Operational Registers, the PCI Configuration Registers
can be read at addresses 200-2FCh. Other addresses provide aliased access to Operational Registers or read-only PCI
Configuration Registers.
Table 4-2 Operational Register Map
offset
tag
description
access
00h
CR
Command Register
R/W
04h
CFG
Configuration Register
R/W
08h
MEAR
EEPROM Access Register
R/W
0Ch
PTSCR
PCI Test Control Register
R/W
10h
ISR
Interrupt Status Register
RO
14h
IMR
Interrupt Mask Register
R/W
18h
IER
Interrupt Enable Register
R/W
1Ch
IHR
Interrupt Holdoff Register
R/W
20h
TXDP
Transmit Descriptor Pointer Register
R/W
24h
Reserved
R/W
28h
TXCFG
Transmit Configuration Register
R/W
2Ch
GPIOR
General Purpose I/O Control Register
R/W
30h
RXDP
Receive Descriptor Pointer Register
R/W
34h
Reserved
R/W
38h
RXCFG
Receive Configuration Register
R/W
3Ch
PQCR
Priority Queueing Control Register
R/W
40h
WCSR
Wake on LAN Control/Status Register
R/W
44h
PCR
Pause Control/Status Register
R/W
48h
RFCR
Receive Filter/Match Control Register
R/W
4Ch
RFDR
Receive Filter/Match Data Register
R/W
50h
BRAR
Boot ROM Address
R/W
54h
BRDR
Boot ROM Data
R/W
58h
SRR
Silicon Revision Register
RO
5Ch
MIBC
Management Information Base Control Register
R/W
60-88h
MIB
Management Information Base Data Registers
RO
8C-9Ch
Reserved
A0h
TXDP1
Transmit Descriptor Pointer Priority 1 Register
R/W
A4h
TXDP2
Transmit Descriptor Pointer Priority 2 Register
R/W
A8h
TXDP3
Transmit Descriptor Pointer Priority 3 Register
R/W
ACh
Reserved
B0h
RXDP1
Receive Descriptor Pointer Priority 1 Register
R/W
B4h
RXDP2
Receive Descriptor Pointer Priority 2 Register
R/W
B8h
RXDP3
Receive Descriptor Pointer Priority 3 Register
R/W
BCh
VRCR
VLAN/IP Receive Control Register
R/W
C0h
VTCR
VLAN/IP Transmit Control Register
R/W
C4h
VDR
VLAN Data register
R/W
C8
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com