Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) DP83821 Datasheet HTML 41Page - National Semiconductor (TI) DP83821 Datasheet HTML 42Page - National Semiconductor (TI) DP83821 Datasheet HTML 43Page - National Semiconductor (TI) DP83821 Datasheet HTML 44Page - National Semiconductor (TI) DP83821 Datasheet HTML 45Page - National Semiconductor (TI) DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
43
www.national.com
4.0 Register Set (Continued)
16
MRM_DIS
Memory Read Multiple
Disable
This bit can be used to prevent the DP83821 from using the Memory Read
Multiple and Memory Read Line commands. This bit is loaded from
EEPROM at power-up. R/W
15
MWI_DIS
Memory Write and Invalidate
Disable
This bit can be used to prevent the DP83821 from using the MWI
command. This allows additional control for driver software which may not
have access to the MWIEN bit in Configuration space. This bit is loaded
from EEPROM at power-up. R/W
14
Reserved
This bit must be loaded as a 0 from the EEPROM (location 05h, bit 3) at
power-up. RO
13
Reserved
This bit must be a 0 for proper operation. RO
12
Reserved
This bit must be loaded as a 0 from the EEPROM (location 05h, bit 2) at
power-up for proper operation. R/W
11
Reserved
This bit must be loaded as a 0 from the EEPROM (location 05h, bit 1) at
power-up for proper operation. R/W
10
PHY_RST
Reset Phy
Asserts reset to phy using the PHYRST_N pin. R/W
9
PHY_DIS
Disable Phy
Setting this bit can be used to disable an external phy by deasserting the
RXEN pin. This can be used to cause a phy to tri-state its RX MII/GMII pins.
R/W
8
EXTSTS_EN Extended Status Enable
When set, the Extended Status field is enabled for Transmit and Receive
Descriptors. This field contains data for supporting the VLAN and IP
Checksum processing features. R/W
7
REQALG
PCI Bus Request Algorithm
Selects mode for making requests for the PCI bus. When set to 0 (default),
DP83821 will use an aggressive Request scheme. When set to a 1
DP83821 will use a more conservative scheme. R/W
6
SB
Single Back-off
Setting this bit to 1, forces the transmitter back-off state machine to always
back-off for a single 802.3 interframe gap time, instead of following the
802.3 random back-off algorithm. A 0 (default) allows normal transmitter
back-off operation. R/W
5
POW
Program Out of Window
Timer
This bit controls when the Out of Window collision timer begins counting its
512 bit slot time. A 0 causes the timer to start after the SFD is received. A 1
causes the timer to start after the first bit of the preamble is received. R/W
4
EXD
Excessive Deferral Abort
Setting this bit to 1 will cause the transmitter to abort transmission on an
excessive deferral. R/W
3
PESEL
Parity Error Detection Action
This bit controls the assertion of SERR when a data parity error is detected
while the DP83821 is acting as the bus master. When set, parity errors will
not result in the assertion of SERR. When reset, parity errors will result in
the assertion of SERR, indicating a system error. This bit should be set to a
1 by software if the driver can handle recovery from and reporting of data
parity errors. R/W
2
BROM_DIS
Disable Boot ROM interface
When set to 1, this bit inhibits the operation of the Boot ROM interface
logic. R/W
1
EXT_125
External 125MHz reference
Select
When set to a 1, the 125MHz transmit clock for 1000 Mb/s mode is sourced
from the REF125 pin. When set to a 0, the clock is sourced by the internal
clock generator. This bit is loaded from EEPROM at power-up. R/W
0
BEM
Big Endian Mode
When set, DP83821 will perform bus-mastered data transfers in “big
endian” mode. Note that access to register space is unaffected by the
setting of this bit. R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com