Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
36
www.national.com
4.0 Register Set (Continued)
4.1.5 Configuration IO Base Address Register
This register specifies the Base I/O address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into I/O space.
4.1.6 Configuration Memory Address Register
This register specifies the Base Memory address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into memory space.
4.1.7 Configuration Memory Address High Dword Register
This register specifies the upper 32-bits of the Base Memory address which is required to build an address map during
configuration.
Tag: CFGIOA
Size: 32 bits
Hard Reset: 00000001h
Offset: 10h
Access: Read Write
Soft Reset: Unchanged
bit
tag
description
usage
31-8
IOBASE
Base IO Address
This is set by software to the base IO address for the Operational Register
Map.
7-2
IOSIZE
Size indication
Read back as 0. This allows the PCI bridge to determine that the DP83821
requires 256 bytes of IO space.
1
Unused
Unused (reads return 0).
0
IOIND
IO Space Indicator
Read Only. Set to 1 by DP83821 to indicate that DP83821 is capable of
being mapped into IO space.
Tag: CFGMA
Size: 32 bits
Hard Reset: 00000000h
Offset: 14h
Access: Read Write
Soft Reset: unchanged
bit
tag
description
usage
31-12
MEMBASE
Memory Base Address
This is set by software to the base address for the Operational Register
Map.
11-4
MEMSIZE
Memory Size
These bits return 0, which indicates that the DP83821 requires 4096 bytes
of Memory Space (the minimum recommended allocation).
3
MEMPF
Prefetchable
Read Only. Set to 0 by DP83821.
2-1
MEMLOC
Location Selection
Read Only. Set to 00 by DP83821 for target 32-bit addressing. Loaded from
EEPROM (location 05h, bit 3) at power-up and is reflected in the
CFG:T64ADDR bit in operational register space. Must be a 0.
0
MEMIND
Memory Space Indicator
Read Only. Set to 0 by DP83821 to indicate that DP83821 is capable of
being mapped into memory space.
Tag: CFGMA1
Size: 32 bits
Hard Reset: 00000000h
Offset: 18h
Access: Read Write
Soft Reset: unchanged
bit
tag
description
usage
31-0
MEMBASE1
Memory Base High Address
This is set by software to the upper 32-bits of the base address for the
Operational Register Map. This field is read-only and always returns 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com