Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 14Page - National Semiconductor (TI) DP83821 Datasheet HTML 15Page - National Semiconductor (TI) DP83821 Datasheet HTML 16Page - National Semiconductor (TI) DP83821 Datasheet HTML 17Page - National Semiconductor (TI) DP83821 Datasheet HTML 18Page - National Semiconductor (TI) DP83821 Datasheet HTML 19Page - National Semiconductor (TI) DP83821 Datasheet HTML 20Page - National Semiconductor (TI) DP83821 Datasheet HTML 21Page - National Semiconductor (TI) DP83821 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
3.0 Functional Description (Continued)
18
www.national.com
RXFCSErrors
RFC 1643,
802.3 LM
hardware, see
MIB:RXFCSErrors.
This counter is incremented for each packet
received with a Frame Check Sequence
error (bad CRC).
RXMsdPktErrors
RFC 1213, RFC
1643, 802.3 LM
hardware, see
MIB:RXMsdPktErrors.
This counter is incremented for each
receive aborted due to data or status FIFO
overruns (insufficient buffer space).
RXFAEErrors
RFC 1643,
802.3 LM
hardware, see
MIB:RXFAEErrors.
This counter is incremented for each packet
received with a Frame Alignment error.
RXSymbolErrors
802.3 LM
hardware, see
MIB:RXSymbolErrors
This counter is incremented for each packet
received with one or more 100 Mb symbol
errors detected.
RXFrameTooLong
RFC 1643,
802.3 LM
hardware, see
MIB:RXFrameTooLong.
This counter is incremented for each packet
received with greater than the 802.3
standard maximum length of 1518 bytes.
RXIRLErrors
802.3 LM
hardware, see
MIB:RXIRLErrors.
Packets received with In Range Length
errors. This counter increments for packets
received with a MAC length/type value
between 64 and 1518 bytes, inclusive, that
does not match the number of bytes
received. This counter also increments for
packets with a MAC length/type field of less
than 64 bytes and more than 64 bytes
received.
RXBadOpcodes
802.3 LM
hardware, see
MIB:RXBadOpcodes.
Packets received with a valid MAC control
type and an opcode for a function that is not
supported by the device
RXPauseFrames
802.3 LM
hardware, see
MIB:RXPauseFrames.
MAC control Pause frames received.
TXOctetsOK
RFC 1213,
802.3 LM
software, add sum of
cmdsts.SIZE (+4) on transmit
packets with cmdsts.OK bit
set.
The byte count of each successfully
transmitted packet is added to this counter.
The packet byte count includes the
address, type, data, and FCS fields.
TXFramesOK
802.3 LM
software, increment on
transmit packets with
cmdsts.OK bit set.
This counter is incremented for each packet
successfully transmitted. This count
includes broadcast, multicast, and physical
address packets.
TXDeferred
RFC 1643,
802.3 LM
software, increment on
transmit packets with
cmdsts.TD set.
This counter is incremented for each packet
transmission which is deferred due to active
line conditions (once per packet).
TXBroadcastPkts
RFC 1213,
802.3 LM
software, increment on
transmit packets with
cmdsts.OK set, and
destination address set to ff-
ff-ff-ff-ff-ff
This counter is incremented for each
broadcast packet successfully transmitted.
TXMulticastPkts
RFC 1213,
802.3 LM
software, increment on
transmit packets with
cmdsts.OK set, and LSB of
first byte of destination
address set.
This counter is incremented for each
multicast packet successfully transmitted.
TXFrames1Coll
RFC 1643,
802.3 LM
software, increment on
transmit packets with
cmdsts.CCNT == 1 and
cmdsts.OK set.
This counter is incremented for each packet
successfully transmitted with 1 in-window
collision.
TXFramesMultiColl
RFC 1643,
802.3 LM
software, increment on
transmit packets with
cmdsts.CCNT > 1 and
cmdsts.OK set.
This counter is incremented for each packet
successfully transmitted with 2-15 in-
window collisions.
TXPauseFrames
802.3 LM
hardware, see
MIB:TXPauseFrames.
MAC control Pause frames transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com