Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 78Page - National Semiconductor (TI) DP83821 Datasheet HTML 79Page - National Semiconductor (TI) DP83821 Datasheet HTML 80Page - National Semiconductor (TI) DP83821 Datasheet HTML 81Page - National Semiconductor (TI) DP83821 Datasheet HTML 82Page - National Semiconductor (TI) DP83821 Datasheet HTML 83Page - National Semiconductor (TI) DP83821 Datasheet HTML 84Page - National Semiconductor (TI) DP83821 Datasheet HTML 85Page - National Semiconductor (TI) DP83821 Datasheet HTML 86Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
5.0 DC and AC Specifications (Continued)
83
www.national.com
5.2.10 TX GMII/TBI Interface
5.2.11 EEPROM Auto-Load
Number
Parameter
Min
Typ
Units
5.2.10.1
TXEN/TXER/TXD Output Delay from
GTXCLK
0.5
5.5
ns
Number
Parameter
Min
Typ
Units
5.2.11.1
EECLK Cycle Time
5
us
5.2.11.2
EECLK Delay from EESEL
1
us
5.2.11.3
EECLK Low to EESEL Invalid
2
us
5.2.11.4
EECLK to EEDO Valid
3500
us
5.2.11.5
EEDI Setup Time to EECLK
2
us
5.2.11.6
EEDI Hold Time from EECLK
3
us
5.2.11.7
EE Config load duration
2000
us
GTXCLK
TXEN
TXD
T3
T3
T3
TXER
Refer to NM93C06 data sheet
T1
T1
T2
T5
T6
T3
T4
EECLK
EESEL
EEDO
EEDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com