Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 60Page - National Semiconductor (TI) DP83821 Datasheet HTML 61Page - National Semiconductor (TI) DP83821 Datasheet HTML 62Page - National Semiconductor (TI) DP83821 Datasheet HTML 63Page - National Semiconductor (TI) DP83821 Datasheet HTML 64Page - National Semiconductor (TI) DP83821 Datasheet HTML 65Page - National Semiconductor (TI) DP83821 Datasheet HTML 66Page - National Semiconductor (TI) DP83821 Datasheet HTML 67Page - National Semiconductor (TI) DP83821 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
64
www.national.com
4.0 Register Set (Continued)
4.2.26 Management Information Base Control Register
The MIBC register is used to control access to the statistics block and the warning bits and to control the collection of
management information statistics.
Tag: MIBC
Size: 32 bits
Hard Reset: 00000002h
Offset: 005ch
Access: Read Write
Soft Reset: 00000002h
bit
tag
description
usage
31-4
unused
3
MIBS
MIB Counter Strobe
Writing a 1 to this bit location causes the counters in all enabled blocks to
increment by 1, providing a single-step test function. The MIBS bit is
always read back as 0. This bit is used for test purposes only and
should be set to 0 for normal counter operation.
2
ACLR
Clear all counters
When set to a 1, this bit forces all counters to be reset to 0. This bit is
always read back as 0.
1
FRZ
Freeze all counters
When set to a 1, this bit forces count values to be frozen such that a read of
the statistic block will represent management statistics at a given instant in
time. When set to 0, the counters will increment normally and may be read
individually while counting.
0
WRN
Warning Test Indicator
This field is read only. This bit is set to 1 when all statistic counters have
reached their respective overflow warning condition. WRN will be cleared
after one or more of the statistic counters have been cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com