Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
35
www.national.com
4.0 Register Set (Continued)
4.1.3 Configuration Revision ID Register
This register stores the silicon revision number, revision number of software interface specification and lets the
configuration software know that it is an Ethernet controller in the class of network controllers.
4.1.4 Configuration Latency Timer Register
This register gives status and controls such miscellaneous functions as BIST, Latency timer and Cache line size.
DP83821 Bus Master Operations:
Based on cache line size, the DP83821 will use the following PCI commands for bus mastered transfers:
0110 - Mem Read
Single dword read transfers
1110 - Mem Read Line
Read More than 1 dword but not across a cacheline boundary
1100 - Mem Read Multiple
Read transfers that cross a cacheline boundary
0111 - Mem Write
Writes that do not exactly overwrite 1 or more cachelines
1111 - Mem Write Invalidate Writes that exactly overwrite 1 or more cachelines
Tag: CFGRID
Size: 32 bits
Hard Reset: 02000000h
Offset: 08h
Access: Read Only
Soft Reset: Unchanged
bit
tag
description
usage
31-24
BASECL
Base Class
Returns 02h which specifies a network controller.
23-16
SUBCL
Sub Class
Returns 00h which specifies an Ethernet controller.
15-8
PROGIF
Programming IF
Returns 00h which specifies the first release of the DP83821.
7-0
REVID
Silicon Revision
Returns 00h which specifies the silicon revision.
Tag: CFGLAT
Size: 32 bits
Hard Reset: 00000000h
Offset: 0Ch
Access: Read Write
Soft Reset: Unchanged
bit
tag
description
usage
31
BISTCAP
BIST Capable
Reads will always return 0.
30
BISTEN
BIST Enable
Reads will return a 0, writes are ignored.
29-16
Reserved
Reads will return a 0, writes are ignored.
15-8
LAT
Latency Timer
Set by software to the number of PCI clocks that DP83821 may hold the
PCI bus.
7-0
CLS
Cache Line Size
Set to the value of the system cache line size in dwords. Acceptable values
are powers of 2 less than or equal to 128. All other values will be
recognized as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com