Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) DP83821 Datasheet HTML 41Page - National Semiconductor (TI) DP83821 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
38
www.national.com
4.0 Register Set (Continued)
4.1.11 Configuration Interrupt Select Register
This register stores the interrupt line number as identified by the POST software that is connected to the interrupt
controller as well as DP83821 desired settings for maximum latency and minimum grant. Max latency and Min. latency
can be loaded from the EEPROM
4.1.12 Power Management Capabilities Register
This register provides information on the capabilities of the functions related to power management. This register also
contains a pointer to the next item in the capabilities list and the capability ID for Power Management. This register is only
visible if CFGCS[4] is set.
Tag: CFGINT
Size: 32 bits
Hard Reset: 340b0100h
Offset: 3Ch
Access: Read Write
Soft Reset: unchanged
bit
tag
description
usage
31-24
MXLAT
Maximum Latency
The DP83821 desired setting for Max Latency. The DP83821 will initialize
this field to 52d (13 usec). The value in this register can be loaded from the
EEPROM.
23-16
MNGNT
Minimum Grant
The DP83821 desired setting for Minimum Grant. The DP83821 will
initialize this field to 11d (2.75 usec). The value in this register can be
loaded from the EEPROM.
15-8
IPIN
Interrupt Pin
Read Only, always return 0000 0001 (INTA)
7-0
ILINE
Interrupt Line
Set to which line on the interrupt controller that the DP83821's interrupt pin
is connected to.
Tag: PMCAP
Size: 32 bits
Hard Reset: FF820001
Offset: 40h
Access: Read Only
Soft Reset: unchanged
bit
tag
description
usage
31-27
PMES
PME Support
This 5 bit field indicates the power states in which DP83821 may assert
PMEN. A 1 indicates PMEN is enabled for that state, a 0 indicates PMEN is
inhibited in that state.
XXXX1 - PMEN can be asserted from state D0
XXX1X - PMEN can be asserted from state D1
XX1XX - PMEN can be asserted from state D2
X1XXX - PMEN can be asserted from state D3hot
1XXXX - PMEN can be asserted from state D3cold
The DP83821 will only report PME support for D3cold if auxiliary power is
detected on the 3VAUX pin, in addition this value can be loaded from the
EEPROM when in the D3cold state.
26
D2S
D2 Support
This bit is set to a 1 when the DP83821 supports the D2 state.
25
D1S
D1 Support
This bit is set to a 1 when the DP83821 supports the D1 state.
24-22
AUX_CURRENT 3 bit field for aux current
requirement.
Aux_Current - This 3 bit field reports the 3.3Vaux auxiliary current
requirements for the PCI function.
If PMEN generation from D3cold is not supported by the
function(PMCAP[31]), this field returns a value of “000b” when read.
Bit
3.3Vaux
8 7 6
Max. Current Required
1 1 0
320 mA
0 0 0
0 (self powered)
21
DSI
Device Specific Initialization This bit is set to 1 to indicate to the system that initialization of the DP83821
device is required (beyond the standard PCI configuration header) before
the generic class device driver is able to use it. A 1 indicates that DP83821
requires a DSI sequence following transition to the D0 uninitialized state.
This bit can be loaded from the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com