Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 44Page - National Semiconductor (TI) DP83821 Datasheet HTML 45Page - National Semiconductor (TI) DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
48
www.national.com
4.0 Register Set (Continued)
4.2.7 Interrupt Mask Register
This register masks the interrupts that can be generated from the ISR. Writing a “1” to the bit enables the corresponding
interrupt. During a hardware reset, all mask bits are cleared. Setting a mask bit allows the corresponding bit in the ISR to
cause an interrupt. ISR bits are always set to 1, however, if the condition is present, regardless of the state of the
corresponding mask bit.
Tag: IMR
Size: 32 bits
Hard Reset: 00000000h
Offset: 0014h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31
unused
30
TXDESC3
Tx Descriptor for Priority
Queue 3
When this bit is 3, the corresponding bit in the ISR will not cause an interrupt.
29
TXDESC2
Tx Descriptor for Priority
Queue 2
When this bit is 2, the corresponding bit in the ISR will not cause an interrupt.
28
TXDESC1
Tx Descriptor for Priority
Queue 1
When this bit is 1, the corresponding bit in the ISR will not cause an interrupt.
27
TXDESC0
Tx Descriptor for Priority
Queue 0
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
26
RXDESC3
Rx Descriptor for Priority
Queue 3
When this bit is 3, the corresponding bit in the ISR will not cause an interrupt.
25
RXDESC2
Rx Descriptor for Priority
Queue 2
When this bit is 2, the corresponding bit in the ISR will not cause an interrupt.
24
RXDESC1
Rx Descriptor for Priority
Queue 1
When this bit is 1, the corresponding bit in the ISR will not cause an interrupt.
23
RXDESC0
Rx Descriptor for Priority
Queue 0
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
22
TXRCMP
Transmit Reset Complete
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
21
RXRCMP
Receive Reset Complete
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
20
DPERR
Detected Parity Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
19
SSERR
Signaled System Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
18
RMABT
Received Master Abort
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
17
RTABT
Received Target Abort
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
16
RXSOVR
Rx Status FIFO Overrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
15
HIBINT
High Bits Interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
14
PHY
Phy interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
13
PME
Power Management Event
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
12
SWI
Software Interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
11
MIB
MIB Service
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
10
TXURN
Tx Underrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
9
TXIDLE
Tx Idle
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
8
TXERR
Tx Packet Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
7
TXDESC
Tx Descriptor
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
6
TXOK
Tx Packet OK
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
5
RXORN
Rx Overrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
4
RXIDLE
Rx Idle
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
3
RXEARLY
Rx Early Threshold
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
2
RXERR
Rx Packet Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
1
RXDESC
Rx Descriptor
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
0
RXOK
Rx OK
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com