Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83821 Datasheet HTML 1Page - National Semiconductor (TI) DP83821 Datasheet HTML 2Page - National Semiconductor (TI) DP83821 Datasheet HTML 3Page - National Semiconductor (TI) DP83821 Datasheet HTML 4Page - National Semiconductor (TI) DP83821 Datasheet HTML 5Page - National Semiconductor (TI) DP83821 Datasheet HTML 6Page - National Semiconductor (TI) DP83821 Datasheet HTML 7Page - National Semiconductor (TI) DP83821 Datasheet HTML 8Page - National Semiconductor (TI) DP83821 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
© 2001 National Semiconductor Corporation
www.national.com
PRELIMINARY
February 2001
DP83821
10/100/1000 Mb/s PCI Ethernet Network Interface
Controller
General Description
DP83821 is a single-chip 10/100/1000 Mb/s Ethernet
Controller for the PCI bus. It is targeted at high-
performance adapter cards and mother boards. The
DP83821 fully implements the V2.2 33 MHz, 32-bit PCI bus
interface for host communications with power management
support. Packet descriptors and data are transferred via
bus-mastering, reducing the burden on the host CPU. The
DP83821 can support full duplex 10/100/1000 Mb/s
transmission and reception.
Features
— IEEE 802.3 Compliant, 33 Mhz, 32-bit PCI V2.2
MAC/BIU supports data rates from 1 Mb/s to 1000 Mb/s.
This allows support for traditional 10 Mb/s Ethernet, 100
Mb/s Fast Ethernet, as well as 1000 Mb/s Gigabit
Ethernet.
— Flexible, programmable Bus master - burst sizes of up to
256 dwords (1024 bytes)
— BIU compliant with PC 97 and PC 98 Hardware Design
Guides, PC 99 Hardware Design Guide draft, ACPI v1.0,
PCI Power Management Specification v1, OnNow
Device
Class
Power
Management
Reference
Specification - Network Device Class v1.0a
— Wake on LAN (WOL) support compliant with PC98,
PC99, and OnNow, including directed packets, Magic
Packet with SecureOn, ARP packets, pattern match
packets, and Phy status change
— GMII/MII provides IEEE 802.3 standard interface to
support 10/100/1000 Mb/s physical layer devices
— Ten-Bit Interface (TBI) for support of 1000BASE-X
— Virtual LAN (VLAN) and long frame support. VLAN tag
insertion support for transmit packets. VLAN tag
detection and removal for receive packets
— 802.3x Full duplex flow control, including automatic
transmission of Pause frames based on Rx FIFO
thresholds
— IPv.4 checksum task off-loading. Supports checksum
generation and verification of IP, TCP, and UDP headers
— 802.1D and 802.1Q priority queueing support. Supports
multiple priority queues in both transmit and receive
directions.
— Extremely flexible Rx packet filtration including: single
address perfect filter with MSb masking, broadcast,
2,048 entry multicast/unicast hash table, deep packet
pattern matching for up to 4 unique patterns.
— Statistics gathered for support of RFC 1213 (MIB II),
RFC 1398 (Ether-like MIB), IEEE 802.3 LME, reducing
CPU overhead for management.
— Internal 8 KB Transmit and 32 KB Receive data FIFOs
— Supports Jumbo packets
— Serial EEPROM port with auto-load of configuration data
from EEPROM at power-on
— Flash/PROM interface for remote boot support
— Full Duplex support for 10/100/1000 Mb/s data rates
— 208-pin PQFP package
— Low power CMOS design
— 3.3V powered I/Os with 5V tolerant inputs
— JTAG Boundary Scan supported
System Diagram
PCI B u s
D P 8 3821
E E P R O M (o ptiona l)
10 /1 0 0 /1 000 M b /s
PH Y
B o ot R O M (o p tional)
MII
GM II


Similar Part No. - DP83821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
DP83820VUW NSC-DP83820VUW Datasheet
1Mb / 87P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
logo
Texas Instruments
DP83822 TI1-DP83822 Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83822 TI2-DP83822 Datasheet
2Mb / 133P
DP83822 Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
REVISED AUGUST 2023
DP83822H TI1-DP83822H Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results

Similar Description - DP83821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
10/100 Mb/s Ethernet Physical Layer
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
DP83816 NSC-DP83816 Datasheet
814Kb / 106P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Texas Instruments
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
10/100 Mb/s Ethernet Physical Layer
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com