Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 7Page - National Semiconductor (TI) DP83821 Datasheet HTML 8Page - National Semiconductor (TI) DP83821 Datasheet HTML 9Page - National Semiconductor (TI) DP83821 Datasheet HTML 10Page - National Semiconductor (TI) DP83821 Datasheet HTML 11Page - National Semiconductor (TI) DP83821 Datasheet HTML 12Page - National Semiconductor (TI) DP83821 Datasheet HTML 13Page - National Semiconductor (TI) DP83821 Datasheet HTML 14Page - National Semiconductor (TI) DP83821 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
3.0 Functional Description (Continued)
11
www.national.com
3.2 PCI Bus Interface
The DP83821 implements the Peripheral Component
Interconnect (PCI) bus interface as defined in PCI Local
Bus Specification Version 2.2. When internal register are
being accessed the DP83821 acts as a PCI target (slave).
When accessing host memory for descriptor or packet data
transfer, the DP83821 acts as a PCI bus master.
All required pins and functions are implemented. The
optional interface pin INTA for support of interrupt requests
is implemented as well. The bus interface supports 32-bit
and 33Mhz operation.
For more information, refer to the PCI Local Bus
Specification version 2.2, December 18, 1998.
3.2.1 Byte Ordering
The DP83821 can be configured to order the bytes of data
on the AD[31:0] bus to conform to Little Endian or Big
Endian ordering through the use of the CFG:BEM bit. Byte
ordering only affects bus mastered packet data transfers in
32-bit mode. Register information remains bit aligned (i.e.
AD[31] maps to bit 31 in any register space, AD[0] maps to
bit 0, etc.) when registers are accessed with 32-bit
operations. Bus mastered transfers of buffer descriptor
information also remain bit aligned.
When configured for Little Endian (CFG:BEM=0), the byte
orientation for receive and transmit data and descriptors in
system memory is as follows:
Figure 3-2 Little Endian Byte Ordering
When configured for big-endian mode (CFG:BEM=1), the
byte orientation for receive
and transmit data and
descriptors in system memory is as follows:
Figure 3-3 Big Endian Byte Ordering
3.2.2 Interrupt Control
Interrupts are performed by asynchronously asserting the
INTAN pin. This pin is an open drain output. The source of
the interrupt can be determined by reading the Interrupt
Status Register (ISR) (See Section 4.2.6). One or more
bits in the ISR will be set, denoting all currently pending
interrupts. Reading of the ISR clears ALL bits. Masking of
specific interrupts can be accomplished by using the
Interrupt Mask Register
(IMR) (See
Section
4.2.7).
Assertion of INTAN can be prevented by clearing the
Interrupt Enable bit in the Interrupt Enable Register (See
Section 4.2.8). This allows the system to defer interrupt
processing as needed.
3.2.3 Latency Timer
The Latency Timer described in CFGLAT:LAT (See Section
4.1.4) defines the maximum number of bus clocks that the
device will hold the bus. Once the device gains control of
the bus and issues FRAMEN, the Latency Timer will begin
counting down. If GNTN is deasserted before the DP83821
has finished with the bus, the device will maintain
ownership of the bus until the timer reaches zero (or has
finished the bus transfer). The timer is an 8-bit counter, with
the lower 4 bits hard-coded to 1111b. This means that the
timer value can only be incremented in units of 16 clocks.
3.2.4 32-Bit Data Operation
The DP83821 supports only 32-bit operation as a bus
master or target for transferring descriptor and packet data
information. At the rising edge of RSTN, the DP83821
samples the REQ64N pin and determines the bus to be 32-
bit capable. Since this pin must be tied high, it indicates the
bus is not 64-bit capable
3.2.5 32-Bit Addressing
The DP83821 supports only 32-bit addressing as a bus
master or target for transferring descriptor and packet data
information.
This
mode
must
be
enabled
through
configuration from EEPROM.
3.3 Bus Operation
3.3.1 Target Read
A Target Read operation starts with the system generating
FRAMEN, Address, and either an IO read (0010b) or
Memory Read (0110b) command. See Figure 3-4. If the
32-bit address on the address bus matches the IO address
range specified in CFGIOA:IOBASE (for I/O reads) or the
memory address range specified in CFGMA:MEMBASE
(for memory reads), the DP83821 will generate DEVSELN
2 clock cycles later (medium speed).
The system must tri-state the Address bus, and convert the
C/BEN bus to byte enables, after the address cycle. On the
2nd cycle after the assertion of DEVSELN, all 32-bits of
data and TRDYN will become valid. If IRDYN is asserted at
that time, TRDYN will be forced HIGH on the next clock for
1 cycle, and then tri-stated.
If FRAMEN is asserted beyond the assertion of IRDYN, the
DP83821 will still make data available as described above,
but will also issue a Disconnect. That is, it will assert the
STOPN signal with TRDYN. STOPN will remain asserted
until FRAMEN is detected as deasserted.
Byte 3Byte 2Byte 1Byte 0
31
24 23
16 15
8 7
0
(MSB)
(LSB)
C/BEN[3]
C/BEN[2]
C/BEN[1]
C/BEN[0]
Byte 0Byte 1Byte 2Byte 3
31
24 23
16 15
8 7
0
(LSB)
(MSB)
C/BEN[3]
C/BEN[2]
C/BEN[1]
C/BEN[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com