Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) DP83821 Datasheet HTML 41Page - National Semiconductor (TI) DP83821 Datasheet HTML 42Page - National Semiconductor (TI) DP83821 Datasheet HTML 43Page - National Semiconductor (TI) DP83821 Datasheet HTML 44Page - National Semiconductor (TI) DP83821 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
41
www.national.com
4.0 Register Set (Continued)
4.2.1 Command Register
This register is used for issuing commands to the DP83821. These commands are issued by setting the corresponding
bits for the function. A global software reset along with individual reset and enable/disable for transmitter and receiver are
provided here. Setting control bits to 0 has no effect, therefore there is no need for Read/modify/writes to this register.
CCh
CCSR
Clockrun Control/Status Register
R/W
D0-DCh
Reserved
E0h
TBICR
TBI Control Register
R/W
E4h
TBISR
TBI Status Register
R/W
E8h
TANAR
TBI Auto-Negotiation Advertisement Register
R/W
ECh
TANLPAR
TBI Auto-Negotiation Link Partner Ability Register
R/W
F0h
TANER
TBI Auto-Negotiation Expansion Register
R/W
F4h
TESR
TBI Extended Status Register
R/W
F8-FCh
Reserved
100-1FCh
Alias of 00-FCh (memory mapped only)
R/W
200-2FC
Config.
Registers
32-bit Read access of PCI Configuration Registers (memory mapped only)
RO
300-3FC
Alias of 200-2FC. 32-bit Read access of PCI Configuration Registers (memory
mapped only)
RO
Tag: CR
Size: 32 bits
Hard Reset: 00000000h
Offset: 0000h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-17
unused
16-13
RXPRI
RX Priority Queue Select
If Receive Priority Queueing is enabled, these bits indicate which queues
should be enabled or disabled if the RXE or RXD bits are set during a write
to this register. Bit 16 corresponds to Priority Queue 3 (highest priority),
while bit 13 corresponds to Priority Queue 0 (lowest priority). Multiple
queues can be enabled or disabled on a single access. If Priority Queueing
is disabled, then these bits have no effect. These bits read back the
enabled status for the RX Priority Queues.
12-9
TXPRI
TX Priority Queue Select
If Transmit Priority Queueing is enabled, these bits indicate which queues
should be enabled or disabled if the TXE or TXD bits are set during a write
to this register. Bit 12 corresponds to Priority Queue 3 (highest priority),
while bit 9 corresponds to Priority Queue 0 (lowest priority). Multiple
queues can be enabled or disabled on a single access. If Priority Queueing
is disabled, then these bits have no effect. These bits read back the
enabled status for the TX Priority Queues.
8
RST
Reset
Set to 1 to force the DP83821 to a soft reset state which disables the
transmitter and receiver, reinitializes the FIFOs, and resets all affected
registers to their soft reset state. This operation implies both a TXR and a
RXR. This bit will read back a 1 during the reset operation, and be cleared
to 0 by the hardware when the reset operation is complete.
7
SWI
Software Interrupt
Setting this bit to a 1 forces the DP83821 to generate a hardware interrupt.
This interrupt is mask-able via the IMR.
6
unused
5
RXR
Receiver Reset
When set to a 1, this bit causes the current packet reception to be aborted,
the receive data and status FIFOs to be flushed, and the receive state
machine to enter the idle state (RXE goes to 0). This is a write-only bit and
is always read back as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com