Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) DP83821 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
37
www.national.com
4.0 Register Set (Continued)
4.1.8 Configuration Subsystem Identification Register
The CFGSID allows system software to distinguish between different subsystems based on the same PCI silicon. The
values in this register can be loaded from the EEPROM if configuration is enabled.
4.1.9 Boot ROM Configuration Register
4.1.10 Capabilities Pointer Register
This register stores the capabilities linked list offset into the PCI configuration space.
Tag: CFGSID
Size: 32 bits
Hard Reset: ?
Offset: 2Ch
Access: Read Only
Soft Reset: unchanged
bit
tag
description
usage
31-16
SDEVID
Subsystem Device ID
Loaded from the EEPROM
15-0
SVENID
Subsystem Vendor ID
Loaded from the EEPROM
Tag: CFGROM
Size: 32 bits
Hard Reset: 00000000h
Offset: 30h
Access: Read Write
Soft Reset: unchanged
bit
tag
description
usage
31-16
ROMBASE
ROM Base Address
Set to the base address for the boot ROM.
15-11
ROMSIZE
ROM Size
Read only. Set to 0 indicating a requirement for 32K bytes of Boot ROM
space
10-1
Unused
unused (reads return 0)
0
ROMEN
ROM Enable
This is used by the PCI BIOS to enable accesses to boot ROM. This allows
the DP83821 to share the address decode logic between the boot ROM
and itself. The BIOS will copy the contents of the boot ROM to system RAM
before executing it. Set to 1 enables the address decode for boot ROM
disabling access to operational target registers.
Tag: CAPPTR
Size: 32 bits
Hard Reset: 00000040h
Offset: 34h
Access: Read Only
Soft Reset: unchanged
bit
tag
description
usage
31-8
unused (reads return 0)
7-0
CLOFS
Capabilities List Offset
Offset into PCI configuration space for the location of the first item in the
Capabilities Linked List, set to 40h to point to the PMCAP register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com