Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) DP83821 Datasheet HTML 53Page - National Semiconductor (TI) DP83821 Datasheet HTML 54Page - National Semiconductor (TI) DP83821 Datasheet HTML 55Page - National Semiconductor (TI) DP83821 Datasheet HTML 56Page - National Semiconductor (TI) DP83821 Datasheet HTML 57Page - National Semiconductor (TI) DP83821 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54
www.national.com
4.0 Register Set (Continued)
3-2
RXPQ
Receive Priority
Queue Enable
This 2-bit field is used to enable Receive Priority Queueing. The number of priority
queues is determined by the following encoding:
00 - Disabled (one queue)
01 - Two queues (0,1)
10 - Three queues (0,1,2)
11 - Four queues (0,1,2,3)
Packets are queued to the priority queues based on the VLAN user_priority field in the
VLAN tag. Any packet without a VLAN tag will be assumed to be priority 0.
1
TXFAIR
Transmit Fairness
Enable
Enables fairness in the transmit priority queueing process. If set, the transmitter will
implement a rotating priority scheme so all queues get fair access. The highest priority for
the current descriptor selection is always one less than the previous priority. If the last
packet was priority 2, then the priority scheme is 1,0,3,2 from highest to lowest. If no
descriptors are available, the fairness algorithm will be reset such that priority 3 is highest
priority. If this bit is not set, then priority queue 3 will always have the highest priority.
0
TXPQEN
Transmit Priority
Queueing Enable
Enables the transmit priority queueing feature. If this bit is set, the transmit DMA engine
will select between the available priority queues for transmit data. The priority queues can
be enabled individually using the Command Register (CR) TXE and TXPRI bits. If this bit
is not set, then only the lowest priority queue (TXDP) is enabled, and the TXPRI bits have
no function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com