Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 17Page - National Semiconductor (TI) DP83821 Datasheet HTML 18Page - National Semiconductor (TI) DP83821 Datasheet HTML 19Page - National Semiconductor (TI) DP83821 Datasheet HTML 20Page - National Semiconductor (TI) DP83821 Datasheet HTML 21Page - National Semiconductor (TI) DP83821 Datasheet HTML 22Page - National Semiconductor (TI) DP83821 Datasheet HTML 23Page - National Semiconductor (TI) DP83821 Datasheet HTML 24Page - National Semiconductor (TI) DP83821 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
3.0 Functional Description (Continued)
21
www.national.com
Table 3-5 Receive
cmdsts Bit Definitions
20
EC
Excessive Collisions
The number of collisions during the transmission of this
packet was excessive, indicating transmission failure.
If TXCFG register ECRETRY=0, this bit is set after 16
collisions.
If TXCFG register ECRETRY=1, this bit is set after 4
Excessive Collision events (32 collisions).
19-16
CCNT
Collision Count
If TXCFG register ECRETRY=0, this field indicates the
number of collisions encountered during the transmission of
this packet.
If TXCFG register ECRETRY=1,
CCNT[3:2] = Excessive Collisions (0-3)
CCNT[1] = Multiple Collisions
CCNT[0] = Single Collision
Note that Excessive Collisions indicate 16 attempts failed,
while Multiple Collisions and Single Collision indicate
collisions in addition to any excessive collisions. For
example, a collision count of 66 includes 2 Excessive
Collisions and will also set the Single Collision bit.
bit
tag
description
usage
26
RXA
Receive Aborted
Set to 1 by DP83821 when the receive was aborted. If RXO
is set, then the receive was aborted due to an RX overrun. If
RXO is clear, then a receive descriptor error occurred. SIZE
will be set to the amount of data that was transferred to
memory when the error was detected.
25
RXO
Receive Overrun
Set to 1 by DP83821 to indicate that a receive overrun
condition occurred. RXA will also be set.
24-23
DEST
Destination Class
When the receive filter is enabled, these bits will indicate the
destination address class as follows:
00 - Packet was rejected
01 - Destination matched the Receive Filter Node Address
Register
10 - Destination is a multicast (but not broadcast)
11 - Destination is a broadcast address
If the Receive Filter is enabled, 00 indicates that the packet
was rejected. Normally packets that are rejected do not
cause any bus activity, nor do they consume receive
descriptors. However, this condition could occur if the packet
is rejected by the Receive Filter later in the packet than the
receive drain threshold (RXCFG:DRTH)
22
LONG
Too Long Packet
Received
The size of the receive packet exceeded 1518 bytes (1522
bytes if VLAN tag included).
21
RUNT
Runt Packet Received
The size of the receive packet was smaller than 64 bytes
(including CRC).
20
ISE
Invalid Symbol Error
(100 Mb only) An invalid symbol was encountered during the
reception of this packet.
19
CRCE
CRC Error
The CRC appended to the end of this packet was invalid.
18
FAE
Frame Alignment Error
The packet did not contain an integral number of octets.
17
LBP
Loopback Packet
The packet is the result of a loopback transmission.
16
IRL
In-Range Length Error
The receive packet Length/Type field did not match the
length of the data field for the packet. Only valid if the
Length/Type field is a valid length (not a Type value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com