Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 55Page - National Semiconductor (TI) DP83821 Datasheet HTML 56Page - National Semiconductor (TI) DP83821 Datasheet HTML 57Page - National Semiconductor (TI) DP83821 Datasheet HTML 58Page - National Semiconductor (TI) DP83821 Datasheet HTML 59Page - National Semiconductor (TI) DP83821 Datasheet HTML 60Page - National Semiconductor (TI) DP83821 Datasheet HTML 61Page - National Semiconductor (TI) DP83821 Datasheet HTML 62Page - National Semiconductor (TI) DP83821 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
59
www.national.com
4.0 Register Set (Continued)
4.2.21 Receive Filter/Match Data Register
The RFDR register is used for reading from and writing to the internal receive filter registers, the pattern buffer memory,
and the hash table memory.
9-0
RFADDR
Receive Filter Extended
Register Address
Selects which internal receive filter register is accessible via RFDR:
Perfect Match Register (PMATCH)
000h - PMATCH octets 1-0
002h - PMATCH octets 3-2
004h - PMATCH octets 5-4
Pattern Count Registers (PCOUNT)
006h - PCOUNT1, PCOUNT0
008h - PCOUNT3, PCOUNT2
SecureOn Password Register (SOPAS)
00Ah - SOPAS octets 1-0
00Ch - SOPAS octets 3-2
00Eh - SOPAS octets 5-4
Filter Memory
100h-3FEh - Rx filter memory (Hash table/pattern buffers)
Tag: RFDR
Size: 32 bits
Hard Reset: 00000000h
Offset: 004Ch
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-18
unused
17-16
BMASK
Byte mask
Used as byte mask values for pattern match template data.
15-0
RFDATA
Receive Filter Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com