Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 29Page - National Semiconductor (TI) DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
33
www.national.com
4.0 Register Set
4.1 Configuration Registers
The DP83821 implements a PCI version 2.2 configuration register space. This allows a PCI BIOS to "soft" configure the
DP83821. Software Reset has no effect on configuration registers. Hardware Reset returns all configuration registers to
their hardware reset state. For all unused registers, writes are ignored, and reads return 0.
Table 4-1 Configuration Register Map
4.1.1 Configuration Identification Register
This register identifies the DP83821 Controller to PCI system software.
offset
tag
description
access
00h
CFGID
Configuration Identification Register
RO
04h
CFGCS
Configuration Command and Status Register
R/W
08h
CFGRID
Configuration Revision ID Register
RO
0Ch
CFGLAT
Configuration Latency Timer Register
RO
10h
CFGIOA
Configuration IO Base Address Register
R/W
14h
CFGMA
Configuration Memory Address Register
R/W
18
CFGMA1
Configuration Memory Address High Dword Register
R/W
1Ch-28h
Reserved (reads return zero)
2Ch
CFGSID
Configuration Subsystem Identification Register
RO
30h
CFGROM
Boot ROM configuration register
R/W
34h
CAPPTR
Capabilities Pointer Register
RO
38h
Reserved (reads return zero)
3Ch
CFGINT
Configuration Interrupt Select Register
R/W
40h
PMCAP
Power Management Capabilities Register
RO
44h
PMCS
Power Management Control and Status Register
R/W
48-FFh
Reserved (reads return zero)
Tag: CFGID
Size: 32 bits
Hard Reset: 0022100B
Offset: 00h
Access: Read Only
Soft Reset: Unchanged
bit
tag
description
usage
31-16
DEVID
Device ID
This field is read-only and is set to the device ID assigned by NSC to the
DP83821, which is 0022h.
15-0
VENID
Vendor ID
This field is read-only and is set to a value of 100Bh which is National
Semiconductor's PCI Vendor ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com