Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 45Page - National Semiconductor (TI) DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) DP83821 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
49
www.national.com
4.0 Register Set (Continued)
4.2.8 Interrupt Enable Register
The Interrupt Enable Register controls the hardware INTR signal.
4.2.9 Interrupt Holdoff Register
The Interrupt Holdoff Register prevents interrupt assertion for a programmed amount of time.
4.2.10 Transmit Descriptor Pointer Register
This register points to the current Transmit Descriptor. If Transmit Priority Queueing is enabled, this becomes the
Descriptor pointer for Priority Queue 0 (lowest priority).
Tag: IER
Size: 32 bits
Hard Reset: 00000000h
Offset: 0018h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-1
unused
0
IE
Interrupt Enable
When set to 1, the hardware INTR signal is enabled. When set to 0, the hardware INTR
signal will be masked, and no interrupts will be generated. The setting of this bit has no
effect on the ISR or IMR. This provides the ability to disable the hardware interrupt to
the host with a single access (eliminating the need for a read-modify-write cycle). The
actual enabling of interrupts can be delayed based on the Interrupt Holdoff Register
defined in the following section.
Tag: IHR
Size: 32 bits
Hard Reset: 00000000h
Offset: 001Ch
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-9
unused
8
IHCTL
Interrupt Holdoff
Control
If this bit is set, the interrupt holdoff will restart when the first interrupt condition occurs
and interrupts are enabled. When this bit is not set, the interrupt holdoff will start as
soon as the counter is loaded and interrupts are enabled.
7-0
IH
Interrupt Holdoff
This register contains a counter value for use in preventing interrupt assertion for a
programmed amount of time. When the ISR is read, the interrupt holdoff timer is loaded
with this value. It begins to count down to 0 based on the setting of the IHCTL bit. Once
it reaches 0, interrupts will be enabled. The counter value is in units of 100us.
Tag: TXDP
Size: 32 bits
Hard Reset: 00000000h
Offset: 0020h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
TXDP
Transmit Descriptor Pointer
The current value of the transmit descriptor pointer. When the transmit
state machine is idle, software must set TXDP to the address of a
completed transmit descriptor. While the transmit state machine is active,
TXDP will follow the state machine as it advances through a linked list of
active descriptors. If the link field of the current transmit descriptor is NULL
(signifying the end of the list), TXDP will not advance, but will remain on the
current descriptor. Any subsequent writes to the TXE bit of the CR register
will cause the transmit state machine to reread the link field of the current
descriptor to check for new descriptors that may have been appended to
the end of the list. Transmit descriptors must be aligned on an even 64-bit
boundary in host memory (A2-A0 must be 0).
2-0
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com