Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 2Page - National Semiconductor (TI) DP83821 Datasheet HTML 3Page - National Semiconductor (TI) DP83821 Datasheet HTML 4Page - National Semiconductor (TI) DP83821 Datasheet HTML 5Page - National Semiconductor (TI) DP83821 Datasheet HTML 6Page - National Semiconductor (TI) DP83821 Datasheet HTML 7Page - National Semiconductor (TI) DP83821 Datasheet HTML 8Page - National Semiconductor (TI) DP83821 Datasheet HTML 9Page - National Semiconductor (TI) DP83821 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
6
www.national.com
2.0 Pin Descriptions (Continued)
Note: DP83821 supports NM27LV010 for the ROM interface device.
TXER/TXD9
154
O
Transmit Error: This signal is synchronous to TXCLK and provides error
indications and also is used for 1000 Mb/s half-duplex carrier extension and
packet bursting functions. The DP83821 will only assert this signal in 1000 Mb/s
mode of operation.
TBI Transmit Data: In TBI mode, this is TXD9 of the 10-bit TBI Transmit data.
GTXCLK/
TXPMACLK
140
O
GMII transmit Clock: A continuous clock used for 1000 Mb/s. It is output to an
external PMD and is the reference clock for Transmit GMII signaling. The clock
frequency is 125 MHz.
TBI Transmit Clock: In TBI mode, this is the 125MHz transmit clock to an
external PMD and is the reference for Transmit TBI signaling.
REF125
137
I
125 MHz Reference Clock: May be optionally connected to a 125 MHz
oscillator for 1000 Mb/s mode. If not used should be tied high.
BIOS ROM/Flash Interface
Symbol
Pin No(s)
Direction
Description
MCSN
92
O
BIOS PROM/Flash Chip Select: During a BIOS ROM/Flash access, this
signal is used to select the ROM device.
MD7, MD6,
MD5, MD4/EEDO,
MD3, MD2,
MD1/CFGDISN,
MD0/PMGDISN
104, 103,
102, 101,
98, 97,
96,
95,
I/O
BIOS ROM/Flash Data Bus: During a BIOS ROM/Flash access these
signals are used to transfer data to or from the ROM/Flash device.
MD5:0 and MD7 pin pads have an internal weak pull up.
MD6 pin pad has an internal weak pull down.
MA15/TXD7,
MA14/TXD6,
MA13/TXD5,
MA12/TXD4,
MA11/TXD3,
MA10/TXD2,
MA9/TXD1,
MA8/TXD0,
MA7, MA6,
MA5, MA4/EECLK,
MA3/EEDI, MA2,
MA1, MA0
152,
151,
148,
147,
146,
145,
142,
141,
114, 113,
112, 109,
108, 107,
106, 105
O
BIOS ROM/Flash Address: During a BIOS ROM/Flash access, these
signals are used to drive the ROM/Flash address.
MWRN
94
O
BIOS ROM/Flash Write: During a BIOS ROM/Flash access, this signal is
used to enable data to be written to the Flash device.
MRDN
93
O
BIOS ROM/Flash Read: During a BIOS ROM/Flash access, this signal is
used to enable data to be read from the Flash device.
Media Independent Interface (MII) - and Gigabit Media Independent Interface (GMII).
Symbol
Pin No(s)
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com