Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
34
www.national.com
4.0 Register Set (Continued)
4.1.2 Configuration Command and Status Register
The CFGCS register has two parts. The upper 16-bits (31-16) are devoted to device status. The lower 16-bits (15-0) are
devoted to command and are used to configure and control the device.
Tag: CFGCS
Size: 32 bits
Hard Reset: 02900000h
Offset: 04h
Access: Read Write
Soft Reset: Unchanged
bit
tag
description
usage
31-16
STS
Status
Device Status Bits. A status bit is reset whenever the register is written, and
the corresponding bit location is a 1.
31
DPERR
Detected Parity Error
Refer to the description in the PCI V2.2 specification.
30
SSERR
Signaled SERR
Refer to the description in the PCI V2.2 specification.
29
RMABT
Received Master Abort
Refer to the description in the PCI V2.2 specification.
28
RTABT
Received Target Abort
Refer to the description in the PCI V2.2 specification.
27
STABT
Sent Target Abort
Refer to the description in the PCI V2.2 specification.
26-25
DSTIM
DEVSELN Timing
This field will always be set to 01 indicating that DP83821 supports
“medium” DEVSELN timing.
24
DPD
Data Parity Detected
Refer to the description in the PCI V2.2 specification.
23
FBB
Fast Back-to-Back Capable
DP83821 will set this bit to 1.
22
unused (reads return 0)
21
M66_CAP
66 MHz Capable
This field indicates the device is 66 MHz capable. It must be loaded as a 0
from the EEPROM (location 03h, bit 9).
20
NCPEN
New Capabilities Enable
When set, this bit indicates that the Capabilities Pointer contains a valid
value and new capabilities such as power management are supported.
When clear, new capabilities (CAPPTR, PMCAP, PMCS) are disabled. The
value in this register will either be loaded from the EEPROM or, if the
EEPROM is disabled, from a strap option at reset.
19-16
Unused
Unused (reads return 0)
15-0
CMD
Command
Device Command bits (see below).
15-10
Unused
Unused (reads return 0)
9
FBBEN
Fast Back-to-Back Enable
Set to 1 by the PCI BIOS to enable the DP83821 to do Fast Back-to-Back
transfers (FBB transfers as a master is not implemented in the current
revision).
8
SERREN
SERRN Enable
When set, DP83821 will generate SERRN when an address parity error is
detected.
7
Unused
Unused (reads return 0)
6
PERRSP
Parity Error Response
When set, DP83821 will assert PERRN on the detection of a data parity
error when acting as the target, and will sample PERRN when acting as the
initiator. When reset, data parity errors are ignored. The action taken is
specified by CFG: PESEL.
5
Unused
Unused (reads return 0)
4
MWIEN
Memory Write and Invalidate
Enable
When set, DP83821 may use the Memory Write and Invalidate command
for qualifying transfers. If 0, Memory Write will always be used instead of
MWI. The DP83821 further qualifies enabling the MWI command using the
MWI_DIS bit in the CFG operational register.
3
Unused
Unused (reads return 0)
2
BMEN
Bus Master Enable
When set, DP83821 is allowed to act as a PCI bus master. When reset,
DP83821 is prohibited from acting as a PCI bus master.
1
MSEN
Memory Space Access
When set, DP83821 responds to memory space accesses. When reset,
DP83821 ignores memory space accesses.
0
IOSEN
IO Space Access
When set, DP83821 responds to IO space accesses. When reset,
DP83821 ignores IO space accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com