Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 42Page - National Semiconductor (TI) DP83821 Datasheet HTML 43Page - National Semiconductor (TI) DP83821 Datasheet HTML 44Page - National Semiconductor (TI) DP83821 Datasheet HTML 45Page - National Semiconductor (TI) DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
46
www.national.com
4.0 Register Set (Continued)
4.2.5 PCI Test Control Register
4.2.6 Interrupt Status Register
This register indicates the source of an interrupt when the INTA pin goes active. Enabling the corresponding bits in the
Interrupt Mask Register (IMR) allows bits in this register to produce an interrupt. When an interrupt is active, one or more
bits in this register are set to a “1”. The Interrupt Status Register reflects all current pending interrupts, regardless of the
state of the corresponding mask bit in the IMR. Reading the ISR clears all interrupts. Writing to the ISR has no effect.
Tag: PTSCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 000Ch
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-16
Reserved
Reserved
15
Reserved
Reserved. Must be written as a 0.
14
Reserved
Reserved
13
RBIST_RST
SRAM BIST Reset
Setting this bit to 1 allows the SRAM BIST engine to be reset. R/W
12-11
Reserved
Reserved
10
RBIST_EN
SRAM BIST Enable
Setting this bit to 1 starts the SRAM BIST engine. R/W
9
RBIST_DONE
SRAM BIST Done
This bit is set to 1 when the SRAM BIST completes each section. RO
8
RBIST_RX1FAIL
RX Status FIFO BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in RX Status
FIFO SRAM. This bit is cleared only by resetting the BIST. RO
7
RBIST_RX0FAIL
RX Data FIFO BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in RX Data FIFO
SRAM. This bit is cleared only by resetting the BIST. RO
6
Reserved
Reserved
5
RBIST_TX0FAIL
TX Data FIFO BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in TX Data FIFO
SRAM. This bit is cleared only by resetting the BIST. RO
4
RBIST_HFFAIL
Hash Filter BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in the hash filter
SRAM. This bit is cleared only by resetting the BIST. RO
3
RBIST_RXFAIL
RX Filter BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in the RX filter
SRAM. This bit is cleared only by resetting the BIST. RO
2
EELOAD_EN
Enable EEPROM Load
This bit is set to a 1 to manually initiate a load of configuration
information from EEPROM. A 1 is returned while the configuration
load from EEPROM is active. R/W
1
EEBIST_EN
Enable EEPROM BIST
This bit is set to a 1 to initiate EEPROM BIST, which verifies the
EEPROM data and checksum without reloading configuration values
to the device. A 1 is returned while the EEPROM BIST is active. R/W
0
EEBIST_FAIL
EE BIST Fail indication
This bit is set to a 1 upon completion of the EEPROM BIST
(EEBIST_EN returns 0) if the BIST logic encountered an invalid
checksum. RO
Tag: ISR
Size: 32 bits
Hard Reset: 00608000h
Offset: 0010h
Access: Read Only
Soft Reset: 00608000h
bit
tag
description
usage
31
Reserved
Reserved
30
TXDESC3
Tx Descriptor for Priority
Queue 3
This event is signaled after a transmit descriptor with the INTR bit set in the
CMDSTS field has been updated.
29
TXDESC2
Tx Descriptor for Priority
Queue 2
This event is signaled after a transmit descriptor with the INTR bit set in the
CMDSTS field has been updated.
28
TXDESC1
Tx Descriptor for Priority
Queue 1
This event is signaled after a transmit descriptor with the INTR bit set in the
CMDSTS field has been updated.
27
TXDESC0
Tx Descriptor for Priority
Queue 0
This event is signaled after a transmit descriptor with the INTR bit set in the
CMDSTS field has been updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com