Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 27Page - National Semiconductor (TI) DP83821 Datasheet HTML 28Page - National Semiconductor (TI) DP83821 Datasheet HTML 29Page - National Semiconductor (TI) DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) DP83821 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
3.0 Functional Description (Continued)
31
www.national.com
Figure 3-19 Receive State Diagram
3.13.5.1 Receive Data Flow without Priority Queueing
With a bus mastering architecture, some number of buffers
and descriptors for received packets must be pre-allocated
when the DP83821 is initialized. The number allocated will
directly affect the system's tolerance to interrupt latency.
The more buffers that you pre-allocate, the longer the
system will survive an incoming burst without losing
receive packets, if receive descriptor processing is delayed
or preempted. The following describes the Receive data
flow without Priority Queueing:
1. Prior to packet reception, receive buffers must be
described in a receive descriptor ring (or list, if
preferred). In each descriptor, the driver assigns
ownership to the hardware by clearing the OWN bit.
Receive descriptors may describe a single buffer.
2. The address of the first descriptor in this list is then
written to the RXDP register. As packets arrive, they
are placed in available buffers. A single packet may
occupy one or more receive descriptors, as required
by the application.The device reads in the first
descriptor into the RxDescCache.
3. As data arrives in the RxDataFIFO, the receive buffer
management state machine places the data in the
receive buffer described by the descriptor. This
continues until either the end of packet is reached, or
the descriptor byte count for this descriptor is
reached.
4. If end of packet was reached, the status in the
descriptor (in main memory) is updated by setting the
OWN bit and clearing the MORE bit, by updating the
receive status bits as indicated by the MAC, and by
updating the SIZE field. The status bits in cmdsts
are only valid in the last descriptor of a packet (with
the MORE bit clear). Also for the last descriptor of a
packet, the SIZE field will be updated to reflect the
actual amount of data written to the buffer (which
may be less the full buffer size allocated by the
descriptor).
If the receive buffer management state machine runs out of
descriptors while receiving a packet, data will buffer in the
receive FIFO. If the FIFO overflows, the driver will be
interrupted with an RxOVR error.
rxDescRefr
rxIdle
rxDescRead
rxFifoBlock
rxDescWrite
rxAdvance
rxFragWrite
CR:RXEN && CRDD
CR:RXEN && !CRDD
link = NULL
XferDone
XferDone
XferDone
XferDone && !OWN
XferDone && OWN
link != NULL
(descCnt == 0) && (rxPktBytes > 0)
FifoReady
rxPktBytes == 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com