Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 53Page - National Semiconductor (TI) DP83821 Datasheet HTML 54Page - National Semiconductor (TI) DP83821 Datasheet HTML 55Page - National Semiconductor (TI) DP83821 Datasheet HTML 56Page - National Semiconductor (TI) DP83821 Datasheet HTML 57Page - National Semiconductor (TI) DP83821 Datasheet HTML 58Page - National Semiconductor (TI) DP83821 Datasheet HTML 59Page - National Semiconductor (TI) DP83821 Datasheet HTML 60Page - National Semiconductor (TI) DP83821 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
57
www.national.com
4.0 Register Set (Continued)
25-24
PS_STHI
RX Stat FIFO Hi Threshold
Status FIFO Threshold for initiating a pause frame with a length field of 0.
This allows termination of an active pause interval when the status FIFO
has enough space available. The following encoding determines when a
length 0 pause frame will be sent:
00: Disabled
01: 2 or more packets available
10: 4 or more packets available
11: 8 or more packets available
This value, if enabled, should always be equal to or greater than the low
threshold (PS_STLO). When disabling the high threshold, the PS_FFHI
field should also be set to disabled.
23-22
PS_STLO
RX Stat FIFO Lo Threshold
Status FIFO Threshold for initiating a pause frame. Upon reception of a
valid packet, a pause frame will be transmitted if space remaining in the
status FIFO is less than the threshold value. The encoding is as follows:
00: Disabled
01: Less than 2 packets available
10: Less than 4 packets available
11: Less than 8 packets available
21-20
PS_FFHI
RX Data FIFO Hi Threshold
Data FIFO Threshold for initiating a pause frame with a length field of 0.
This allows termination of an active pause interval when the data FIFO has
enough space available. The following encoding determines when a length
0 pause frame will be sent:
00: Disabled
01: 2K or more bytes available
10: 4K or more bytes available
11: 8K or more bytes available
This value, if enabled, should always be equal to or greater than the low
threshold (PS_FFLO). When disabling the high threshold, the PS_STHI
field should also be set to disabled.
19-18
PS_FFLO
RX Data FIFO Lo Threshold
Data FIFO Threshold for initiating a pause frame. Upon reception of a valid
packet, a pause frame will be transmitted if space remaining in the data
FIFO is less than the threshold value. The encoding is as follows:
00: Disabled
01: Less than 2K bytes available
10: Less than 4K bytes available
11: Less than 8K bytes available
17
PS_TX
Transmit Pause Frame
This is a manual method of sending a pause frame. This bit will remain set
until the pause frame is transmitted. R/W
16
Reserved
Reserved. R/W
15-0
PAUSE_CNT Pause Counter Value
Pause Length field which will be sent in a Transmit Pause frame. R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com