Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 46Page - National Semiconductor (TI) DP83821 Datasheet HTML 47Page - National Semiconductor (TI) DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) DP83821 Datasheet HTML 53Page - National Semiconductor (TI) DP83821 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
50
www.national.com
4.0 Register Set (Continued)
4.2.11 Reserved
This register is reserved. It must always be read and written as 00000000h.
4.2.12 Transmit Configuration Register
This register defines the Transmit Configuration for DP83821. It controls such functions as Loopback, Heartbeat, Auto
Transmit Padding, programmable Interframe Gap, Fill & Drain Thresholds, and maximum DMA burst size.
Tag: TXCFG
Size: 32 bits
Hard Reset: 00000120
Offset: 0028h
Access: Read Write
Soft Reset: 00000120
bit
tag
description
usage
31
CSI
Carrier Sense Ignore
Setting this bit to 1 causes the transmitter to ignore carrier sense activity,
which inhibits reporting of CRS status to the transmit status register, and
inhibits logging of TXCSErrors in the MIB counter block. When this bit is 0
(default), the transmitter will monitor the CRS signal during transmission
and reflect valid status in the transmit status register and MIB counter
block. This bit must be set to enable full-duplex operation.
30
HBI
HeartBeat Ignore
Setting this bit to 1 causes the transmitter to ignore the heartbeat (CD)
pulse which follows the packet transmission and inhibits logging of
TXSQEErrors in the MIB counter block. When this bit is set to 0 (default),
the transmitter will monitor the heartbeat pulse and log TXSQEErrors to the
MIB counter block. This bit must be set to enable full-duplex operation
29
MLB
MAC Loopback
Setting this bit to a 1 places the DP83821 MAC into a loopback state which
routes all transmit traffic to the receiver, and disables the transmit and
receive interfaces of the MII. A 0 in this bit allows normal MAC operation.
The transmitter and receiver must be disabled before enabling the
loopback mode. (Packets received during MLB mode will reflect loopback
status in the receive descriptor’s
cmdsts.LBP field.)
28
ATP
Automatic Transmit Padding
Setting this bit to 1 causes the MAC to automatically pad small (runt)
transmit packets to the Ethernet minimum size of 64 bytes. This allows
driver software to transfer only actual packet data. Setting this bit to 0
disables the automatic padding function, forcing software to control runt
padding.
27-24
unused
23
ECRETRY
Excessive Collision Retry
Enable
This bit enables automatic retries of excessive collisions. If set, the
transmitter will retry the packet up to 4 excessive collision counts, for a total
of 64 attempts. If the packet still does not complete successfully, then the
transmission will be aborted after the 64th attempt. If this bit is not set, then
the transmission will be aborted after the 16th attempt. Note that setting
this bit will change how collisions are reported in the status field of the
transmit descriptor.
22-20
MXDMA
Max DMA Burst Size per Tx
DMA Burst
This field sets the maximum size of transmit DMA data bursts according to
the following table:
000 = 256 32-bit words (1024 bytes)
001 = 2 32-bit words (8 bytes)
010 = 4 32-bit words (16 bytes)
011 = 8 32-bit words (32 bytes)
100 = 16 32-bit words (64 bytes)
101 = 32 32-bit words (128 bytes)
110 = 64 32-bit words (256 bytes)
111 = 128 32-bit word (512 bytes)
19
BRST_DIS
1000 Mb/s Burst Disable
This bit can disable transmit bursting for 1000 Mb/s half-duplex operation.
The bit will have no affect 10/100 Mb/s or full-duplex modes.
18-16
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com