Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 48Page - National Semiconductor (TI) DP83821 Datasheet HTML 49Page - National Semiconductor (TI) DP83821 Datasheet HTML 50Page - National Semiconductor (TI) DP83821 Datasheet HTML 51Page - National Semiconductor (TI) DP83821 Datasheet HTML 52Page - National Semiconductor (TI) DP83821 Datasheet HTML 53Page - National Semiconductor (TI) DP83821 Datasheet HTML 54Page - National Semiconductor (TI) DP83821 Datasheet HTML 55Page - National Semiconductor (TI) DP83821 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
52
www.national.com
4.0 Register Set (Continued)
4.2.14 Receive Descriptor Pointer Register
This register points to the current Receive Descriptor.
4.2.15 Reserved
This register is reserved and must always be read and written as 00000000h.
4.2.16 Receive Configuration Register
This register is used to set the receive configuration for DP83821. Receive properties such as accepting error packets,
runt packets, setting the receive drain threshold etc. are controlled here
Tag: RXDP
Size: 32 bits
Hard Reset: 00000000h
Offset: 0030h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
RXDP
Receive Descriptor Pointer
The current value of the receive descriptor pointer. When the receive state
machine is idle, software must set RXDP to the address of an available
receive descriptor. While the receive state machine is active, RXDP will
follow the state machine as it advances through a linked list of available
descriptors. If the link field of the current receive descriptor is NULL
(signifying the end of the list), RXDP will not advance, but will remain on the
current descriptor. Any subsequent writes to the RXE bit of the CR register
will cause the receive state machine to reread the link field of the current
descriptor to check for new descriptors that may have been appended to
the end of the list. Software should not write to this register unless the
receive state machine is idle. Receive descriptors must be aligned on 64-bit
boundaries (A2-A0 must be zero). A 0 written to RXDP followed by a
subsequent write to RXE will cause the receiver to enter silent RX mode,
for use during WOL. In this mode packets will by received and buffered in
FIFO, but no DMA to system memory will occur. The packet data may be
recovered from the FIFO by writing a valid descriptor address to RXDP and
then strobing RXE.
2-0
unused
Tag: RXCFG
Size: 32 bits
Hard Reset: 00000004h
Offset: 0038h
Access: Read Write
Soft Reset: 00000004h
bit
tag
description
usage
31
AEP
Accept Errored Packets
When set to 1, all packets with CRC or alignment errors will be accepted.
When set to 0, all packets with CRC or alignment errors will be rejected if
possible. Note that depending on the type of error, some packets may be
received with errors, regardless of the setting of AEP. These errors will be
indicated in the CMDSTS field of the last descriptor in the packet.
30
ARP
Accept Runt Packets
When set to 1, all packets under 64 bytes in length without errors are
accepted. When this bit is 0, all packets less than 64 bytes in length will be
rejected if possible.
29
STRIPCRC
Strip CRC
When set to a 1, the CRC will be stripped from the receive packet and the
byte count adjusted appropriately.
28
RX_FD
Receive Full Duplex
When set to 1, data received simultaneously to a local transmission (such
as during a PMD loopback or full duplex operation) will be accepted as
valid received data. When set to 0 (default), all data received simultaneous
to a local transmit will be rejected. This bit must be set to 1 for PMD
loopback and full duplex operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com