Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 57Page - National Semiconductor (TI) DP83821 Datasheet HTML 58Page - National Semiconductor (TI) DP83821 Datasheet HTML 59Page - National Semiconductor (TI) DP83821 Datasheet HTML 60Page - National Semiconductor (TI) DP83821 Datasheet HTML 61Page - National Semiconductor (TI) DP83821 Datasheet HTML 62Page - National Semiconductor (TI) DP83821 Datasheet HTML 63Page - National Semiconductor (TI) DP83821 Datasheet HTML 64Page - National Semiconductor (TI) DP83821 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
4.0 Register Set (Continued)
61
www.national.com
Figure 4-1 Pattern Buffer Memory -100h words (word=18bits)
Example: Pattern match on the following destination
addresses:
02-00-03-01-04-02
match 6 bytes
12-10-13-11-14-12
match 4 bytes
22-20-23-21-24-22
match 6 bytes
32-30-33-31-34-32
match 4 bytes
RFCR = (IO base + 48h)
RFDR = (IO base + 4Ch))
# write counts
iowrite l RFCR (0006)
# pattern count registers 1, 0
iowrite l RFDR (0406)
# count 1 = 4, count 0= 6
iowrite l RFCR (0008)
# pattern count registers 3, 2
iowrite l RFDR (0406)
# count 3 = 4, count 2 = 6
# write data pattern into buffer 0
iowrite l RFCR (200)
iowrite l RFDR (0002)
iowrite l RFCR (202)
iowrite l RFDR (0103)
iowrite l RFCR (204)
iowrite l RFDR (0204)
# write data pattern into buffer 1
iowrite l RFCR (280)
iowrite l RFDR (1012)
iowrite l RFCR (282)
iowrite l RFDR (1113)
iowrite l RFCR (284)
iowrite l RFDR (1214)
# write data pattern into buffer 2
iowrite l RFCR (300)
iowrite l RFDR (2022)
iowrite l RFCR (302)
iowrite l RFDR (2123)
iowrite l RFCR (304)
iowrite l RFDR (2224)
# write data pattern into buffer 3
iowrite l RFCR (380)
iowrite l RFDR (3032)
iowrite l RFCR (382)
iowrite l RFDR (3133)
iowrite l RFCR (384)
iowrite l RFDR (3234)
#enable receive filter on all patterns
iowrite l RFCR (RFEN | APAT3 | APAT2 | APAT1 | APAT0)
Example of how to mask out a byte in a pattern:
# write data pattern into buffer 0
iowrite l RFCR (200)
iowrite l RFDR (10002) #mask byte 0 (value = 02)
iowrite l RFCR (202)
iowrite l RFDR (20103) #mask byte 1 (value = 01)
iowrite l RFCR (204)
iowrite l RFDR (30204) #mask byte 0 and 1
Pattern 3 Word 3Fh
byte 127
byte126
3FEh
Pattern 3 Word 0
byte 1
byte 0
380h
Pattern 2 Word 3Fh
byte 127
byte126
37Fh
Pattern 2 Word 0
byte 1
byte 0
300h
Pattern 1 Word 3Fh
byte 127
byte 126
2FEh
Pattern 1 Word 0
byte 1
byte 0
280h
Pattern 0 Word 3Fh
byte 127
byte 126
27Eh
Pattern 0 Word 1
byte 3
byte 2
202h
Pattern 0 Word 0
byte 1
byte 0
200h
Bit#
17
16
15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com