Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 35Page - National Semiconductor (TI) DP83821 Datasheet HTML 36Page - National Semiconductor (TI) DP83821 Datasheet HTML 37Page - National Semiconductor (TI) DP83821 Datasheet HTML 38Page - National Semiconductor (TI) DP83821 Datasheet HTML 39Page - National Semiconductor (TI) DP83821 Datasheet HTML 40Page - National Semiconductor (TI) DP83821 Datasheet HTML 41Page - National Semiconductor (TI) DP83821 Datasheet HTML 42Page - National Semiconductor (TI) DP83821 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
39
www.national.com
4.0 Register Set (Continued)
4.1.13 Power Management Control and Status Register
This register contains PM control and status information.
20
Reserved
Reserved (reads return 0)
19
PMEC
PME Clock
Returns 0 to indicate PCI clock not needed for PMEN.
18-16
PMV
Power Management
Version
This bit field indicates compliance to a specific PM specification rev level.
Currently set to 010b.
15-8
NLIPTR
Next List Item Pointer
Offset into PCI configuration space for the location of the next item in the
Capabilities Linked List. Returns 00h as no other capabilities are offered.
7-0
CAPID
Capability ID
Always returns 01h for Power Management ID.
Tag: PMCSR
Size: 32 bits
Hard Reset: 00000000h
Offset: 44h
Access: Read Write
Soft Reset: unchanged
bit
tag
description
usage
31-24
reserved (reads return 0)
23-16
BSE
Bridge Support Extensions
unused (reads return 0)
15
PMESTS
PME Status
Sticky bit which represents the state of the PME logic, regardless of the
state of the PMEEN bit.
14-9
DSCALE
Data Scale
reserved (reads return 0)
8
PMEEN
PME Enable
When set to 1, this bit enables the assertion of the PME function on the
PMEN pin. When 0, the PMEN pin is forced to be inactive. This value can
be loaded from the EEPROM.
7-2
Reserved
unused (reads return 0)
1-0
PSTATE
Power State
This 2 bit field is used both to determine the current power state of
DP83821, and to set a new power state.
00 - D0
01 - D1
10 - D2
11 - D3hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com