Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83821 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 62Page - National Semiconductor (TI) DP83821 Datasheet HTML 63Page - National Semiconductor (TI) DP83821 Datasheet HTML 64Page - National Semiconductor (TI) DP83821 Datasheet HTML 65Page - National Semiconductor (TI) DP83821 Datasheet HTML 66Page - National Semiconductor (TI) DP83821 Datasheet HTML 67Page - National Semiconductor (TI) DP83821 Datasheet HTML 68Page - National Semiconductor (TI) DP83821 Datasheet HTML 69Page - National Semiconductor (TI) DP83821 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
66
www.national.com
4.0 Register Set (Continued)
4.2.28 Transmit Descriptor Pointer 1 Register
This register points to the Transmit Descriptor for Priority Queue 1.
4.2.29 Transmit Descriptor Pointer 2 Register
This register points to the Transmit Descriptor for Priority Queue 2.
4.2.30 Transmit Descriptor Pointer 3 Register
This register points to the Transmit Descriptor for Priority Queue 3.
Tag: TXDP1
Size: 32 bits
Hard Reset: 00000000h
Offset: 00A0h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
TXDP1
Transmit
Descriptor Pointer
1
The current value of the transmit descriptor pointer for Priority Queue 1. When initializing
the queue for a new transmission, software must set TXDP to the address of a completed
transmit descriptor. While the transmit state machine is active, TXDP will follow the state
machine as it advances through a linked list of active descriptors. If the link field of the
current transmit descriptor is NULL (signifying the end of the list), TXDP will not advance,
but will remain on the current descriptor. Any subsequent writes to the TXE bit of the CR
register will cause the transmit state machine to reread the link field of the current
descriptor to check for new descriptors that may have been appended to the end of the
list. Transmit descriptors must be aligned on an even 64-bit boundary in host memory
(A2-A0 must be 0).
2-0
unused
Tag: TXDP2
Size: 32 bits
Hard Reset: 00000000h
Offset: 00A4h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
TXDP2
Transmit
Descriptor Pointer
2
The current value of the transmit descriptor pointer for Priority Queue 2. When initializing
the queue for a new transmission, software must set TXDP to the address of a completed
transmit descriptor. While the transmit state machine is active, TXDP will follow the state
machine as it advances through a linked list of active descriptors. If the link field of the
current transmit descriptor is NULL (signifying the end of the list), TXDP will not advance,
but will remain on the current descriptor. Any subsequent writes to the TXE bit of the CR
register will cause the transmit state machine to reread the link field of the current
descriptor to check for new descriptors that may have been appended to the end of the
list. Transmit descriptors must be aligned on an even 64-bit boundary in host memory
(A2-A0 must be 0).
2-0
unused
Tag: TXDP3
Size: 32 bits
Hard Reset: 00000000h
Offset: 00A8h
Access: Read Write
Soft Reset: 00000000h
bit
tag
description
usage
31-3
TXDP3
Transmit
Descriptor Pointer
3
The current value of the transmit descriptor pointer for Priority Queue 3. When initializing
the queue for a new transmission, software must set TXDP to the address of a completed
transmit descriptor. While the transmit state machine is active, TXDP will follow the state
machine as it advances through a linked list of active descriptors. If the link field of the
current transmit descriptor is NULL (signifying the end of the list), TXDP will not advance,
but will remain on the current descriptor. Any subsequent writes to the TXE bit of the CR
register will cause the transmit state machine to reread the link field of the current
descriptor to check for new descriptors that may have been appended to the end of the
list. Transmit descriptors must be aligned on an even 64-bit boundary in host memory
(A2-A0 must be 0).
2-0
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com