Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 26Page - Texas Instruments LP87702 Datasheet HTML 27Page - Texas Instruments LP87702 Datasheet HTML 28Page - Texas Instruments LP87702 Datasheet HTML 29Page - Texas Instruments LP87702 Datasheet HTML 30Page - Texas Instruments LP87702 Datasheet HTML 31Page - Texas Instruments LP87702 Datasheet HTML 32Page - Texas Instruments LP87702 Datasheet HTML 33Page - Texas Instruments LP87702 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
Table 7-5. Summary of Interrupt Signals
EVENT
SAFE STATE
INTERRUPT BIT
INTERRUPT MASK
STATUS BIT
RECOVERY/INTERRUPT
CLEAR
Buck current limit
triggered (20-µs
debounce)
No effect
BUCK_INT = 1
BUCKx_ILIM_INT = 1
BUCKx_ILIM_MASK
BUCKx_ILIM_STAT
Write 1 to the
BUCKx_ILIM_INT bit
Interrupt is not cleared if the
current limit is active.
Boost current limit
triggered
No effect
BOOST_INT = 1
BOOST_ILIM_INT = 1
BOOST_ILIM_MASK
BOOST_ILIM_STAT
Write 1 to the
BOOST_ILIM_INT bit.
Interrupt is not cleared if the
current limit is active.
Buck short circuit
(VVOUT < 0.35V at
1 ms after enable)
or Overload (VVOUT
decreasing below 0.35
V during operation, 1 ms
debounce)
Converter disable
BUCKx_INT = 1
BUCKx_SC_INT = 1
N/A
N/A
Write 1 to the BUCKx_SC_INT
bit.
Boost short circuit
Converter disable
BOOST_INT = 1
BOOST_SC_INT = 1
N/A
N/A
Write 1 to the BOOST_SC_INT
bit.
Thermal warning
No effect
TDIE_WARN_INT) = 1
TDIE_WARN_MASK
TDIE_WARN_STAT
Write 1 to the
TDIE_WARN_INT bit.
Interrupt is not cleared if
the temperature is above the
thermal warning level.
Thermal shutdown
All converters disabled
immediately and GPOx
set to low
TDIE_SD_INT = 1
N/A
TDIE_SD_STAT
Write 1 to TDIE_SD_INT bit
Interrupt is not cleared if
temperature is above thermal
shutdown level
VANA overvoltage
(VANAOVP)
All converters disabled
immediately and GPOx
set to low
OVP_INT
N/A
OVP_STAT
Write 1 to the OVP_INT bit.
Interrupt is not cleared if the
VANA voltage is above the
VANAOVP level.
Buck power-good,
output voltage becomes
valid.
No effect
BUCK_INT = 1
BUCKx_PG_INT = 1
BUCKx_PGR_MASK
BUCKx_PG_STAT
Write 1 to the BUCKx_PG_INT
bit.
Buck power-good,
output voltage becomes
invalid
No effect
BUCK_INT = 1
BUCKx_PG_INT = 1
BUCKx_PGF_MASK
BUCKx_PG_STAT
Write 1 to the BUCKx_PG_INT
bit.
Boost power-good,
output voltage becomes
valid.
No effect
BOOST_INT = 1
BOOST_PG_INT = 1
BOOST_PGR_MASK
BOOST_PG_STAT
Write 1 to the BOOST_PG_INT
bit.
Boost power-good,
output voltage becomes
invalid.
No effect
BOOST_INT = 1
BOOST_PG_INT = 1
BOOST_PGF_MASK
BOOST_PG_STAT
Write 1 to the BOOST_PG_INT
bit.
VMON1 power-good,
input voltage becomes
valid.
No effect
DIAG_INT = 1
VMON1_PG_INT = 1
VMON1_PGR_MASK
VMON1_PG_STAT
Write 1 to the VMON1_PG_INT
bit.
VMON1 power-good,
input voltage becomes
invalid.
No effect
DIAG_INT = 1
VMON1_PG_INT = 1
VMON1_PGF_MASK
VMON1_PG_STAT
Write 1 to the VMON1_PG_INT
bit.
VMON2 power-good,
input voltage becomes
valid.
No effect
DIAG_INT = 1
VMON2_PG_INT = 1
VMON2_PGR_MASK
VMON2_PG_STAT
Write 1 to the VMON2_PG_INT
bit.
VMON2 power-good,
input voltage becomes
invalid.
No effect
DIAG_INT = 1
VMON2_PG_INT = 1
VMON2_PGF_MASK
VMON2_PG_STAT
Write 1 to the VMON2_PG_INT
bit.
VANA power-good,
input voltage becomes
valid.
No effect
DIAG_INT = 1
VANA_PG_INT = 1
VANA_PGR_MASK
VANA_PG_STAT
Write 1 to the VANA_PG_INT
bit.
VANA power-good,
input voltage becomes
invalid.
No effect
DIAG_INT = 1
VANA_PG_INT = 1
VANA_PGF_MASK
VANA_PG_STAT
Write 1 to the VANA_PG_INT
bit.
External clock appears
or disappears.
No effect to converters
SYNC_CLK_INT(1)
SYNC_CLK_MASK
SYNC_CLK_STAT
Write 1 to the SYNC_CLK_INT
bit.
Load current
measurement ready
No effect
I_MEAS_INT = 1
I_MEAS_MASK
N/A
Write 1 to the I_MEAS_INT bit.
Supply voltage
VANAUVLO triggered
(VANA falling)
Immediate shutdown,
registers reset to default
values
N/A
N/A
N/A
N/A
Supply voltage
VANAUVLO triggered
(VANA rising)
Start-up, registers reset
to default values and
OTP bits loaded
RESET_REG_INT = 1
RESET_REG_MASK
N/A
Write 1 to the
RESET_REG_INT bit.
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com