Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 41Page - Texas Instruments LP87702 Datasheet HTML 42Page - Texas Instruments LP87702 Datasheet HTML 43Page - Texas Instruments LP87702 Datasheet HTML 44Page - Texas Instruments LP87702 Datasheet HTML 45Page - Texas Instruments LP87702 Datasheet HTML 46Page - Texas Instruments LP87702 Datasheet HTML 47Page - Texas Instruments LP87702 Datasheet HTML 48Page - Texas Instruments LP87702 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
Table 7-9. LP8770_MAP Registers (continued)
Offset
Acronym
Register Name
Section
23h
INT_BOOST
Section 7.6.1.1.36
24h
INT_DIAG
Section 7.6.1.1.37
25h
TOP_STATUS
Section 7.6.1.1.38
26h
BUCK_STATUS
Section 7.6.1.1.39
27h
BOOST_STATUS
Section 7.6.1.1.40
28h
DIAG_STATUS
Section 7.6.1.1.41
29h
TOP_MASK_1
Section 7.6.1.1.42
2Ah
TOP_MASK_2
Section 7.6.1.1.43
2Bh
BUCK_MASK
Section 7.6.1.1.44
2Ch
BOOST_MASK
Section 7.6.1.1.45
2Dh
DIAG_MASK
Section 7.6.1.1.46
2Eh
SEL_I_LOAD
Section 7.6.1.1.47
2Fh
I_LOAD_2
Section 7.6.1.1.48
30h
I_LOAD_1
Section 7.6.1.1.49
31h
FREQ_SEL
Section 7.6.1.1.50
32h
BOOST_ILIM_CTRL
Section 7.6.1.1.51
33h
ECC_STATUS
Section 7.6.1.1.52
34h
WD_DIS_CTRL_CODE
Section 7.6.1.1.53
35h
WD_DIS_CONTROL
Section 7.6.1.1.54
Complex bit access types are encoded to fit into small table cells. Table 7-10 shows the codes that are used for
access types in this section.
Table 7-10. LP8770_map Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
Register Array Variables
i,j,k,l,m,n
When these variables are used in
a register name, an offset, or an
address, they refer to the value of
a register array where the register
is part of a group of repeating
registers. The register groups
form a hierarchical structure and
the array is represented with a
formula.
y
When this variable is used in a
register name, an offset, or an
address it refers to the value of
a register array.
7.6.1.1.1 DEV_REV Register (Offset = 0h) [reset = 0h]
DEV_REV is shown in Figure 7-19 and described in Table 7-11.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com