Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 19Page - Texas Instruments LP87702 Datasheet HTML 20Page - Texas Instruments LP87702 Datasheet HTML 21Page - Texas Instruments LP87702 Datasheet HTML 22Page - Texas Instruments LP87702 Datasheet HTML 23Page - Texas Instruments LP87702 Datasheet HTML 24Page - Texas Instruments LP87702 Datasheet HTML 25Page - Texas Instruments LP87702 Datasheet HTML 26Page - Texas Instruments LP87702 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
Enable
Time
Voltage
Resistive pull-down
(if enabled)
BOOST_VSET[1:0]
INT_BOOST(BOOST_PG_INT)
nINT
Host clears
interrupts
Powergood
interrupts
BOOST_STATUS(BOOST_PG_STAT)
0
0
1
Voltage decrease because of load
BOOST_STATUS(BOOST_STAT)
0
0
1
0
1
1
0
0
1
0 1
0
BOOST_MASK(BOOST_PGF_MASK) = 0
BOOST_MASK(BOOST_PGR_MASK) = 0
1
0
BOOST_WINDOW[1:0]
Figure 7-5. Boost Converter Enable and Disable
7.3.6.2 Changing Buck Output Voltage
The output voltage of BUCKx converter can be changed by writing to the BUCKx_VOUT register. The
voltage change for buck converter is always slew-rate controlled, and the slew-rate is defined by the
BUCKx_SLEW_RATE[2:0] bits in BUCKx_CTRL_2 register. The forced PWM mode is used automatically during
a voltage change. When the programmed output voltage is achieved, the mode becomes the one defined by
load current, and the BUCKx_FPWM bit.
Figure 7-6 shows the voltage change and power-good interrupts.
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com