Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 73 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments LP87702 Datasheet HTML 73Page - Texas Instruments LP87702 Datasheet HTML 74Page - Texas Instruments LP87702 Datasheet HTML 75Page - Texas Instruments LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
Figure 7-63. BOOST_MASK Register (continued)
RESERVED
BOOST_PGF_
MASK
BOOST_PGR_
MASK
RESERVED
BOOST_ILIM_
MASK
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 7-55. BOOST_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3
BOOST_PGF_MASK
R/W
0h
Masking of powergood invalid detection for Boost power good
interrupt BOOST_PG_INT in INT_BOOST register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect BOOST_PG_STAT status bit in
BOOST_STATUS register.
(Default from OTP memory)
2
BOOST_PGR_MASK
R/W
0h
Masking of powergood valid detection for Boost power good interrupt
BOOST_PG_INT in INT_BOOST register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect BOOST_PG_STAT status bit in
BOOST_STATUS register.
(Default from OTP memory)
1
RESERVED
R/W
0h
0
BOOST_ILIM_MASK
R/W
0h
Masking for Boost current monitoring interrupt BOOST_ILIM_INT in
INT_BOOST register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect BOOST_ILIM_STAT status bit in
BOOST_STATUS register.
(Default from OTP memory)
7.6.1.1.46 DIAG_MASK Register (Offset = 2Dh) [reset = 0h]
DIAG_MASK is shown in Figure 7-64 and described in Table 7-56.
Return to Table 7-9.
Figure 7-64. DIAG_MASK Register
7
6
5
4
3
2
1
0
RESERVED
VMON2_PGF_
MASK
VMON2_PGR_
MASK
VMON1_PGF_
MASK
VMON1_PGR_
MASK
VANA_PGF_M
ASK
VANA_PGR_M
ASK
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 7-56. DIAG_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
0h
5
VMON2_PGF_MASK
R/W
0h
Masking of VMON2 invalid detection for powergood interrupt
VMON2_PG_INT in INT_DIAG register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect VMON2_PG_STAT status bit in
DIAG_STATUS register.
(Default from OTP memory)
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com