Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 49Page - Texas Instruments LP87702 Datasheet HTML 50Page - Texas Instruments LP87702 Datasheet HTML 51Page - Texas Instruments LP87702 Datasheet HTML 52Page - Texas Instruments LP87702 Datasheet HTML 53Page - Texas Instruments LP87702 Datasheet HTML 54Page - Texas Instruments LP87702 Datasheet HTML 55Page - Texas Instruments LP87702 Datasheet HTML 56Page - Texas Instruments LP87702 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
Table 7-24. GPO1_DELAY Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
GPO1_SHUTDOWN_DEL
AY
R/W
0h
Shutdown delay of GPO1 from falling edge of control signal:
0000 – 0 ms
0001 – 0.5 ms (1 ms if CONFIG(STARTUP_DELAY_SEL)=1)
...
1111 – 7.5 ms (15b ms if CONFIG(STARTUP_DELAY_SEL)=1)
(Default from OTP memory)
3-0
GPO1_STARTUP_DELAY R/W
0h
Startup delay of GPO1 from rising edge of control signal:
0000 – 0 ms
0001 – 0.5 ms (1 ms if CONFIG(STARTUP_DELAY_SEL)=1)
...
1111 – 7.5 ms (15 ms if CONFIG(STARTUP_DELAY_SEL)=1)
(Default from OTP memory)
7.6.1.1.15 GPO2_DELAY Register (Offset = Eh) [reset = 0h]
GPO2_DELAY is shown in Figure 7-33 and described in Table 7-25.
Return to Table 7-9.
Figure 7-33. GPO2_DELAY Register
7
6
5
4
3
2
1
0
GPO2_SHUTDOWN_DELAY
GPO2_STARTUP_DELAY
R/W-0h
R/W-0h
Table 7-25. GPO2_DELAY Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
GPO2_SHUTDOWN_DEL
AY
R/W
0h
Shutdown delay of GPO2 from falling edge of control signal:
0000 – 0 ms
0001 – 0.5 ms (1 ms if CONFIG(STARTUP_DELAY_SEL)=1)
...
1111 – 7.5 ms (15 ms if CONFIG(STARTUP_DELAY_SEL)=1)
(Default from OTP memory)
3-0
GPO2_STARTUP_DELAY R/W
0h
Startup delay of GPO2 from rising edge of control signal:
0000 – 0 ms
0001 – 0.5 ms (1 ms if CONFIG(STARTUP_DELAY_SEL)=1)
...
1111 – 7.5 ms (15 ms if CONFIG(STARTUP_DELAY_SEL)=1)
(Default from OTP memory)
7.6.1.1.16 GPO_CONTROL_1 Register (Offset = Fh) [reset = AAh]
GPO_CONTROL_1 is shown in Figure 7-34 and described in Table 7-26.
Return to Table 7-9.
Figure 7-34. GPO_CONTROL_1 Register
7
6
5
4
3
2
1
0
GPO1_PG1_O
D
GPO1_EN_PIN_CTRL
GPO1_OUT
GPO0_OD
GPO0_EN_PIN_CTRL
GPO0_OUT
R/W-1h
R/W-1h
R/W-0h
R/W-1h
R/W-1h
R/W-0h
www.ti.com
LP87702
SNVSBU3 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com